công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC164N bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện 74HC164N
Giải thích chi tiết về linh kiện  8-bit serial-in, parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC164N bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  74HC164N Datasheet HTML 1Page - NXP Semiconductors 74HC164N Datasheet HTML 2Page - NXP Semiconductors 74HC164N Datasheet HTML 3Page - NXP Semiconductors 74HC164N Datasheet HTML 4Page - NXP Semiconductors 74HC164N Datasheet HTML 5Page - NXP Semiconductors 74HC164N Datasheet HTML 6Page - NXP Semiconductors 74HC164N Datasheet HTML 7Page - NXP Semiconductors 74HC164N Datasheet HTML 8Page - NXP Semiconductors 74HC164N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74HC_HCT164
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 13 June 2013
4 of 20
NXP Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level
h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition
L = LOW voltage level
I = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition
q = lower case letters indicate the state of the referenced input one set-up time prior to the LOW-to-HIGH clock transition
 = LOW-to-HIGH clock transition
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
DSA
1
data input
DSB
2
data input
Q0 to Q7
3, 4, 5, 6, 10, 11, 12, 13
output
GND
7
ground (0 V)
CP
8
clock input (LOW-to-HIGH, edge-triggered)
MR
9
master reset input (active LOW)
VCC
14
positive supply voltage
Table 3.
Function table[1]
Operating
modes
Input
Output
MR
CP
DSA
DSB
Q0
Q1 to Q7
Reset (clear)
L
XX
XL
L to L
Shift
H
ll
L
q0 to q6
H
lh
L
q0 to q6
H
hl
Lq0 to q6
H
hh
H
q0 to q6
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1] -
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C


Số phần tương tự - 74HC164N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74HC164N PHILIPS-74HC164N Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
74HC164N NXP-74HC164N Datasheet
453Kb / 20P
   8-bit serial-in, parallel-out shift register
Rev. 04-2 February 2010
More results

Mô tả tương tự - 74HC164N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com