công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RP73G2H100RATG bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
RP73G2H100RATG bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 6 page Case Sizes 0603 E24 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 E24 3 Digit Marking - Example: 101=100 Ω 102=1KΩ Dimensions Part Number LW t D C Weight (g) 1000 pieces RP73 1E (0402) 1.00 ±0.05 0.50 ±0.05 0.30 ±0.05 0.20 ±0.10 0.20 ±0.10 0.54 RP73(P) 1J (0603) 1.55 ±0.10 0.80 ±0.10 0.45 ±0.10 0.30 ±0.20 0.30 ±0.20 1.83 RP73(P) 2A (0805) 2.00 ±0.15 1.25 ±0.15 0.55 ±0.10 0.30 ±0.20 0.40 ±0.25 4.71 RP73 2B (1206) 3.05 ±0.15 1.55 ±0.15 0.55 ±0.10 0.42 ±0.20 0.35 ±0.25 9.02 RP73 2E (1210) 3.10 ±0.15 2.40 ±0.15 0.55 ±0.10 0.40 ±0.20 0.55 ±0.25 10.00 RP73 2H (2010) 4.90 ±0.15 2.40 ±0.15 0.55 ±0.10 0.60 ±0.30 0.50 ±0.25 23.61 RP73 3A (2512) 6.30 ±0.15 3.10 ±0.15 0.55 ±0.10 0.60 ±0.30 0.50 ±0.25 38.08 L D W t C 1. Alumina Substrate 2. Bottom Electrode (Ag) 3. Top Electrode (Ag-Pd) 4. Edge Electrode (NiCr) 5. Barrier Layer (Ni) 6. External Electrode (Sn) 7. Resistor Layer (NiCr) 8. Overcoat (Epoxy) 9. Marking Marking Codes - Case Sizes 0805 to 2512 Resistance: 100Ω 2.2KΩ 10KΩ 49.9KΩ 100KΩ Marking Code: 1000 2201 1002 4992 1003 IEC 4 Digit Marking SMD High Power Precision Resistors Type RP73 Series 1773272 CIS WR 04/2012 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. -55 -40 -20 0 20 40 60 70 80 100 120 140 155 100 80 60 40 20 0 Ambient Temperature (°C) For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this curve. Power Derating Curve E96 3 Digit Marking - Examples: 14C=13K7 Ω,13C=13K3Ω,68B=4K99Ω,68X=49.9Ω 14C |
Số phần tương tự - RP73G2H100RATG |
|
Mô tả tương tự - RP73G2H100RATG |