công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP141AIDBVRG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
TMP141AIDBVRG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 24 page TMP141 SBAS347A − MARCH 2005 − REVISED JULY 2006 www.ti.com 2 ABSOLUTE MAXIMUM RATINGS(1) Supply Voltage +7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Signal Input Terminals, Voltage(2) (V−) −0.5V to (V+) + 0.5V . . . . Signal Input Terminals, Current(2) 10mA . . . . . . . . . . . . . . . . . . . . . Maximum Output Current (SWD low) 10mA . . . . . . . . . . . . . . . . . . . Operating Temperature −55 °C to +127°C . . . . . . . . . . . . . . . . . . . . . Storage Temperature −60 °C to +150°C . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature +150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ESD Rating: Human Body Model (HBM) 4000V . . . . . . . . . . . . . . . . . . . . . . . Charged-Device Model 1000V . . . . . . . . . . . . . . . . . . . . . . . . . . (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. (2) Input terminals should not be driven beyond the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should be current-limited to 10mA or less. This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT PACKAGE-LEAD PACKAGE DESIGNATOR SPECIFIED TEMPERATURE RANGE PACKAGE MARKING ORDERING NUMBER TRANSPORT MEDIA, QUANTITY TMP141 SOT23-6 DBV −40 °C to +125°C T141 TMP141AIDBVT Tape and Reel, 250 TMP141 SOT23-6 DBV −40 °C to +125°C T141 TMP141AIDBVR Tape and Reel, 3000 TMP141 MSOP-8 DGK −40 °C to +125°C T14G TMP141AIDGKT Tape and Reel, 250 TMP141 MSOP-8 DGK −40 °C to +125°C T14G TMP141AIDGKR Tape and Reel, 3000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. PIN CONFIGURATIONS Top View NOTE: Pin 1 is determined by orienting the package marking as indicated in the diagram. ADD0 GND GND ADD1 SWD V+ 1 2 3 6 5 4 SOT23−6 V+ GND GND GND SWD ADD1 ADD0 GND 1 2 3 4 8 7 6 5 MSOP−8 |
Số phần tương tự - TMP141AIDBVRG4 |
|
Mô tả tương tự - TMP141AIDBVRG4 |