công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP141AIDBVR bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện TMP141AIDBVR
Giải thích chi tiết về linh kiện  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP141AIDBVR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TMP141AIDBVR Datasheet HTML 7Page - Texas Instruments TMP141AIDBVR Datasheet HTML 8Page - Texas Instruments TMP141AIDBVR Datasheet HTML 9Page - Texas Instruments TMP141AIDBVR Datasheet HTML 10Page - Texas Instruments TMP141AIDBVR Datasheet HTML 11Page - Texas Instruments TMP141AIDBVR Datasheet HTML 12Page - Texas Instruments TMP141AIDBVR Datasheet HTML 13Page - Texas Instruments TMP141AIDBVR Datasheet HTML 14Page - Texas Instruments TMP141AIDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
11
Register 4: Device Status (Read-Only)
This is an 8-bit register with the following bits defined:
Bit 7, Bus Error (BER): This bit is set whenever there is
an error indication in the Acknowledge bit of either
received or transmitted data. A bus error is cleared when
the master reads the Device Status Register or sends
Device Reset.
Bits 6−5: Reserved. These bits read as ‘0’.
Bit 4, Overrun (ORUN): This flag is set when another
temperature conversion is completed before the previous
conversion has been read by the master. This error is
cleared by Device Reset, or by reading the temperature
result from the Temperature Readout register.
Bits 3−1: Reserved. These bits read as ‘0’.
Bit 0, Status Function 1 (SF1): This flag is set when a
temperature conversion is completed, and the data is
stored in the Readout register. It is reset either when the
master reads the temperature conversion, or when the
TMP141 is reset.
Register 5: Device Control (Read/Write)
Bits 15−5: Reserved. These bits read as ‘0’.
Bit 4, Enable Function 1 (ENAB): This bit enables
temperature measurement; the default setting is disabled.
To begin temperature measurement, a ‘1’ must be written
to this bit. The enable sensor bit (EN_S) in the
Temperature Control register must also be set to enable
the sensor. (Bits cannot be written individually; a Write
operation affects the entire register.)
Bit 3: Reserved. This bit reads as ‘0’.
Bit 2, Low-Power Mode: When this bit is set, the
operation of all functions slow down in order to conserve
power. Default is ‘0’ for normal speed operation. (See
Table 4.)
Bit 1, Shutdown: When this bit is set, all functions are
disabled, placing the TMP141 in the lowest possible power
consumption mode. Default is ‘0’; this is normal operation.
To exit shutdown, write a ‘0’ to this location.
Bit 0, Reset: When this bit is set, the TMP141 performs a
Device Reset. During Reset, any operation is progress is
aborted, and all registers are set to their default values.
This bit self-clears when the Reset operation is completed.
It is not necessary to do a Device Reset after power-up.
Bits 1−0: These bits are the only location in the TMP141
that accepts a broadcast Write message.
Register 8: Temperature Capabilities (Read-Only)
Bits 15−9: Reserved. These bits read as ‘0’.
Bit 8: This bit is set, indicating that the internal temperature
sensing is the only option available.
Bit 7: This bit is ‘0’; it indicates that the TMP141 Tempera-
ture Readout register is 16 bits.
Bit 6: This bit is set to indicate that signed two’s
complement is the format of the temperature data.
Bits 5−3: These bits are 001b; they indicate that the
temperature data is 10 bits long.
Bits 2−0: These bits are 010b, and indicate that the
temperature data resolution is 0.25
°C.
Register 9: Temperature Readout (Read-Only)
The TMP141 outputs 10 bits of precision to a resolution of
0.25
°C. This 10-bit format covers a range from +127.75°C
to −128
°C. Negative numbers are in two’s complement.
Table 3 shows some examples of the Temperature Data
format.
Data is left-justified, meaning that the ten bits of data are
in the most significant bits of this register. The temperature
data is contained in Bits 15:6. Bits 5:0 always read as ‘0’.
Table 3. Data Format Example
TEMPERATURE
BINARY
HEX
+127.75
°C(1)
01 1111 1111
1FFh
+125.00
°C
01 1111 0100
1F4h
+100.0
°C
01 1001 0000
190h
+1.0
°C
00 0000 0100
004h
+0.25
°C
00 0000 0001
001h
0
°C
00 0000 0000
000h
−0.25
°C
11 1111 1111
3FFh
−1.0
°C
11 1111 1100
3FCh
−100
°C
10 0111 0000
270h
−128
°C(1)
10 0000 0000
200h
(1) Both −128°C and +127.75°C are beyond the specified operating
range of −40
°C to +125°C. This table only illustrates the format
of the data.


Số phần tương tự - TMP141AIDBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP141AIDBVR TI-TMP141AIDBVR Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
More results

Mô tả tương tự - TMP141AIDBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
logo
National Semiconductor ...
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
   Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com