công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PESD5V0U1BLD bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện PESD5V0U1BLD
Giải thích chi tiết về linh kiện  Ultra low capacitance bidirectional ESD protection diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0U1BLD bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  PESD5V0U1BLD Datasheet HTML 1Page - NXP Semiconductors PESD5V0U1BLD Datasheet HTML 2Page - NXP Semiconductors PESD5V0U1BLD Datasheet HTML 3Page - NXP Semiconductors PESD5V0U1BLD Datasheet HTML 4Page - NXP Semiconductors PESD5V0U1BLD Datasheet HTML 5Page - NXP Semiconductors PESD5V0U1BLD Datasheet HTML 6Page - NXP Semiconductors PESD5V0U1BLD Datasheet HTML 7Page - NXP Semiconductors PESD5V0U1BLD Datasheet HTML 8Page - NXP Semiconductors PESD5V0U1BLD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Ultra low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode
designed to protect one signal line from the damage caused by ESD and other transients.
The device is housed in a SOD882D leadless ultra small Surface-Mounted Device (SMD)
plastic package with visible and solderable side pads.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
2.
Pinning information
[1]
The marking bar indicates pin 1.
PESD5V0U1BLD
Ultra low capacitance bidirectional ESD protection diode
Rev. 2 — 27 July 2011
Product data sheet
Bidirectional ESD protection of one line AEC-Q101 qualified
Ultra small SMD plastic package
ESD protection up to 10 kV
Solderable side pads
IEC 61000-4-2; level 4 (ESD)
Package height typ. 0.37 mm
Ultra low leakage current: IRM =5nA
Ultra low diode capacitance Cd =2.9 pF
Computers and peripherals
High-speed data lines
Audio and video equipment
Communication systems
Cellular handsets and accessories
Portable electronics
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
-
-
5
V
Cd
diode capacitance
f = 1 MHz; VR =0V
-
2.9
3.5
pF
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode (diode 1)
[1]
2
cathode (diode 2)
Transparent
top view
2
1
sym045
2
1


Số phần tương tự - PESD5V0U1BLD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
PESD5V0U1BLD NEXPERIA-PESD5V0U1BLD Datasheet
212Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
1 April 2023
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
13 July 2022
logo
NXP Semiconductors
PESD5V0U1BLD PHILIPS-PESD5V0U1BLD_15 Datasheet
176Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 2-27 July 2011
More results

Mô tả tương tự - PESD5V0U1BLD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
13 July 2022
PESD24VF1BL-Q NEXPERIA-PESD24VF1BL-Q Datasheet
233Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
1 June 2022
PESD18VF1BLS-Q NEXPERIA-PESD18VF1BLS-Q Datasheet
210Kb / 11P
   Ultra-low capacitance bidirectional ESD protection diode
13 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com