công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R0.25S-0509 bảng dữ liệu(PDF) 3 Page - Recom International Power

tên linh kiện R0.25S-0509
Giải thích chi tiết về linh kiện  Features
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25S-0509 bảng dữ liệu(HTML) 3 Page - Recom International Power

  R0.25S-0509 Datasheet HTML 1Page - Recom International Power R0.25S-0509 Datasheet HTML 2Page - Recom International Power R0.25S-0509 Datasheet HTML 3Page - Recom International Power R0.25S-0509 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.recom-electronic.com
REV: 2/2011
Package Style and Pinning (mm)
ECONOLINE
DC/DC-Converter
R0.25S** :** without marking denotes 5 pins out of 8 fitted (includes /H option)
e.g. R0.25S-0505, R0.25S-0505/H, R0.25S-0505/HP
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
e.g. R0.25S8-0505, R0.25S8-0505/P
R0.25D** :** without marking denotes 6 pins out of 10 fitted (includes /H option)
e.g. R0.25D-0505, R0.25D-0505/H, R0.25D-0505/HP
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available) e.g. R0.25D10-0505, R0.25D10-0505/P
3rd angle
projection
5 PIN Single SMD Package
6 PIN Dual SMD Package
Bottom View
0.50
Top View
Top View
Bottom View
0.50
2.54 x 3
12.75
6.7
7.0
11.10
10.7
8.50
5
2
4
1
8
10
2
4 5
RECOM
R1D-xxxx
xxxx
1
15.24
6.7
2.54x4
7.0
12.00
1.80
2.54
1.20
85
24
1
RECOM
R1S-xxxx
xxxx
12.00
1.80
10
7
24
15
1.20
7
11.10
10.7
8.50
2.54
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4
–Vout
Com
5
+Vout
–Vout
7
No Pin
+Vout
8
NC
No Pin
10
No Pin
NC
NC = No Connection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
Recommended Footprint Details
Note: /H option is available in
these pin packages
8 PIN Single SMD Package
10 PIN Dual SMD Package
Bottom View
0.50
Top View
Top View
Bottom View
0.50
Bottom View
0.50
Top View
2.54 x 3
12.75
6.7
7.0
11.10
10.7
8.50
5
2
4
1
8
10
2
4 5
RECOM
R0.25D10-xxxx
xxxx
1
15.24
6.7
2.54x4
7.0
12.00
1.80
2.54
1.20
85
24
1
RECOM
R0.25S8-xxxx
xxxx
12.00
1.80
10
7
24
15
1.20
7
11.10
10.7
8.50
2.54
76
3
3
6
7
3
6
8
9
3
9 8
6
2.54
12.00
1.80
10
7
24
15
1.20
6
Pin Connections
Pin #
Single
Dual
Dual
Independent
1
–Vin
–Vin
–Vin
2
+Vin
+Vin
+Vin
3
NC
NC
No Pin
4
–Vout
Com
-Vout1
5
+Vout
–Vout
+Vout1
6
NC
NC
-Vout2
7
NC
+Vout
+Vout2
8
NC
NC
No Pin
9
-
NC
No Pin
10
-
NC
NC
NC = No Connection
Recommended Footprint Details
Recommended Footprint Details (Dual)
Note: /H option is not available in
these pin packages
3rd angle
projection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
R0.25S_R0.25D
Series
Recommended Footprint Details Dual Independent


Số phần tương tự - R0.25S-0509

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
R0.25S-3.305/E-R RECOM-R0.25S-3.305/E-R Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R0.25S-3.305/HE RECOM-R0.25S-3.305/HE Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R0.25S-D RECOM-R0.25S-D Datasheet
128Kb / 4P
   0.25 Watt SMD Single, Dual Independent Outputs
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
More results

Mô tả tương tự - R0.25S-0509

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
   Features/Product Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
   FEATURES
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
   FEATURES
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
   FEATURES
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
   TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
   MC9RS08KA8 Features
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
   Description Features
logo
GOOD-ARK Electronics
GDSSF2318E GOOD-ARK-GDSSF2318E_15 Datasheet
295Kb / 4P
   GENERAL FEATURES
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com