công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP5N52K3 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STP5N52K3
Giải thích chi tiết về linh kiện  N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N52K3 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STP5N52K3 Datasheet HTML 1Page - STMicroelectronics STP5N52K3 Datasheet HTML 2Page - STMicroelectronics STP5N52K3 Datasheet HTML 3Page - STMicroelectronics STP5N52K3 Datasheet HTML 4Page - STMicroelectronics STP5N52K3 Datasheet HTML 5Page - STMicroelectronics STP5N52K3 Datasheet HTML 6Page - STMicroelectronics STP5N52K3 Datasheet HTML 7Page - STMicroelectronics STP5N52K3 Datasheet HTML 8Page - STMicroelectronics STP5N52K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STB5N52K3, STD5N52K3, STF5N52K3, STP5N52K3, STU5N52K3
Electrical characteristics
Doc ID 16952 Rev 2
5/23
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 420 V, ID = 4.4 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 18)
-
9
11
29
16
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
4.4
17.6
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 4.4 A, VGS = 0
-
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 4.4 A, di/dt = 100 A/µs
VDD= 60 V
(see Figure 20)
-
210
1.3
12
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 4.4 A, di/dt = 100 A/µs
VDD= 60 V TJ = 150 °C
(see Figure 20)
-
240
1.6
13
ns
µC
A
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
BVGSO
Gate-source breakdown
voltage
Igs=± 1 mA (open drain)
30
-
V


Số phần tương tự - STP5N52K3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STP5N52K3 ETC2-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
More results

Mô tả tương tự - STP5N52K3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD5N52U STMICROELECTRONICS-STD5N52U Datasheet
943Kb / 18P
   N-channel 525 V, 1.28 ohm, 4.4 A, DPAK, TO-220FP, I2PAK UltraFASTmesh Power MOSFET
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
   N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
logo
Unisonic Technologies
UF624 UTC-UF624 Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com