công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN7416N3 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
SN7416N3 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 17 page PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples JM38510/00803BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 00803BCA JM38510/00803BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 00803BDA M38510/00803BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 00803BCA M38510/00803BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 00803BDA SN5407J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN5407J SN5417J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN5417J SN7407D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7407 SN7407DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7407 SN7407DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7407 SN7407DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7407 SN7407DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7407 SN7407DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7407 SN7407J OBSOLETE CDIP J 14 TBD Call TI Call TI 0 to 70 SN7407N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN7407N SN7407N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7407NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN7407N SN7407NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SN7407 SN7407NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SN7407 |
Số phần tương tự - SN7416N3 |
|
Mô tả tương tự - SN7416N3 |