công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN7416J bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
SN7416J bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 17 page SN5406, SN5416, SN7406, SN7416 HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Convert TTL Voltage Levels to MOS Levels D High Sink-Current Capability D Input Clamping Diodes Simplify System Design D Open-Collector Drivers for Indicator Lamps and Relays D Inputs Fully Compatible With Most TTL Circuits description These TTL hex inverter buffers/drivers feature high-voltage open-collector outputs for interfacing with high-level circuits (such as MOS) or for driving high-current loads (such as lamps or relays), and also are characterized for use as inverter buffers for driving TTL inputs. The SN5406 and SN7406 have minimum breakdown voltages of 30 V. The SN5416 and SN7416 have minimum breakdown voltages of 15 V. The maximum sink current is 30 mA for the SN5406 and SN5416, and 40 mA for the SN7406 and SN7416. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING Tube SN7406D 7406 SOIC D Tape and reel SN7406DR 7406 SOIC – D Tube SN7416D 7416 0 °C to 70°C Tape and reel SN7416DR 7416 PDIP N Tube SN7406N SN7406N PDIP – N Tube SN7416N SN7416N SOP – NS Tape and reel SN7406NSR SN7406 CDIP J Tube SNJ5406J SNJ5406J CDIP – J Tube SNJ5416J SNJ5416J –55 °C to 125°C CDIP W Tube SNJ5406W SNJ5406W CDIP – W Tube SNJ5416W SNJ5416W LCCC – FK Tube SNJ5406FK SNJ5406FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2001, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN5406, SN5416 ...J OR W PACKAGE SN7406 . . . D, N, OR NS PACKAGE SN7416 ...D OR N PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 6Y NC 5A NC 5Y 2A NC 2Y NC 3A SN5406 . . . FK PACKAGE (TOP VIEW) NC – No internal connection On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Số phần tương tự - SN7416J |
|
Mô tả tương tự - SN7416J |