công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1754ST-1802EOT bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP1754ST-1802EOT
Giải thích chi tiết về linh kiện  150 mA, 16V, High Performance LDO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754ST-1802EOT bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP1754ST-1802EOT Datasheet HTML 1Page - Microchip Technology MCP1754ST-1802EOT Datasheet HTML 2Page - Microchip Technology MCP1754ST-1802EOT Datasheet HTML 3Page - Microchip Technology MCP1754ST-1802EOT Datasheet HTML 4Page - Microchip Technology MCP1754ST-1802EOT Datasheet HTML 5Page - Microchip Technology MCP1754ST-1802EOT Datasheet HTML 6Page - Microchip Technology MCP1754ST-1802EOT Datasheet HTML 7Page - Microchip Technology MCP1754ST-1802EOT Datasheet HTML 8Page - Microchip Technology MCP1754ST-1802EOT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22276A-page 1
MCP1754/MCP1754S
Features
• High PSRR: >70 dB @ 1 kHz typical
• 56.0 µA Typical Quiescent Current
• Input Operating Voltage Range: 3.6V to16.0V
• 150 mA Output Current for All Output Voltages
• Low Drop Out Voltage, 300 mV Typical @ 150 mA
• 0.4% Typical Output Voltage Tolerance
• Standard Output Voltage Options (1.8V, 2.5V,
2.8V, 3.0V, 3.3V, 4.0V, 5.0V)
• Output Voltage Range 1.8V to 5.5V in 0.1V
Increments (tighter increments also possible per
design)
• Output Voltage Tolerances of ±2.0% Over Entire
Temperature Range
• Stable with Minimum 1.0 µF Output Capacitance
• Power Good Output
• Shutdown Input
• True Current Foldback Protection
• Short-Circuit Protection
• Overtemperature Protection
Applications
• Battery-powered Devices
• Battery-powered Alarm Circuits
• Smoke Detectors
•CO2 Detectors
• Pagers and Cellular Phones
• Smart Battery Packs
•PDAs
•Digital Cameras
• Microcontroller Power
• Consumer Products
• Battery-powered Data Loggers
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., 2007
• AN766, “Pin-Compatible CMOS Upgrades to
BiPolar LDOs”, DS00766,
Microchip Technology Inc., 2003
• AN792, “A Method to Determine How Much
Power a SOT23 Can Dissipate in an Application”,
DS00792, Microchip Technology Inc., 2001
Description
The MCP1754/MCP1754S is a family of CMOS low
dropout (LDO) voltage regulators that can deliver up to
150 mA of current while consuming only 56.0 µA of
quiescent current (typical). The input operating range is
specified from 3.6V to 16.0V, making it an ideal choice
for four to six primary cell battery-powered applications,
12V mobile applications and one- to three-cell Li-Ion-
powered applications.
The MCP1754/MCP1754S is capable of delivering
150 mA with only 300 mV (typical) of input to output
voltage differential. The output voltage tolerance of the
MCP1754/MCP1754S is typically ±0.4% at +25°C and
±2.0%
maximum
over
the
operating
junction
temperature range of -40°C to +125°C. Line regulation
is ±0.01% typical at +25°C.
Output voltages available for the MCP1754/MCP1754S
range from 1.8V to 5.5V. The LDO output is stable when
using only 1 µF of output capacitance. Ceramic,
tantalum or aluminum electrolytic capacitors may all be
used for input and output. Overcurrent limit and
overtemperature shutdown provide a robust solution for
any application.
The MCP1754/MCP1754S family introduces a true
current foldback feature. When the load impedance
decreases beyond the MCP1754/MCP1754S load
rating, the output current and voltage will gracefully
foldback towards 30 mA at about 0V output. When the
load impedance decreases and returns to the rated
load, the MCP1754/MCP1754S will follow the same
foldback curve as the device comes out of current
foldback.
Package options for the MCP1754S include the SOT-
23A, SOT-89-3, SOT-223-3 and 2x3 DFN-8.
Package options for the MCP1754 include the SOT-23-
5, SOT-223-5, and 2x3 DFN-8.
150 mA, 16V, High Performance LDO


Số phần tương tự - MCP1754ST-1802EOT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1754ST-1802EOT MICROCHIP-MCP1754ST-1802EOT Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
More results

Mô tả tương tự - MCP1754ST-1802EOT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
MCP1755 MICROCHIP-MCP1755_12 Datasheet
2Mb / 40P
   300 mA, 16V, High-Performance LDO
2012 11/29/12
MIC5376 MICROCHIP-MIC5376 Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
   LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com