công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1754ST-1802E bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
MCP1754ST-1802E bảng dữ liệu(HTML) 9 Page - Microchip Technology |
9 / 42 page © 2011 Microchip Technology Inc. DS22276A-page 9 MCP1754/MCP1754S 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated VR = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25 °C, VIN = VR + 1V or VIN = 3.6V (whichever is greater), SHDN = VIN, package = SOT223. Note: Junction Temperature (TJ) is approximated by soaking the device under test to an ambient temperature equal to the desired Junction temperature. The test time is small enough such that the rise in Junction temperature over the ambient temperature is not significant. FIGURE 2-1: Quiescent Current vs. Input Voltage. FIGURE 2-2: Quiescent Current vs. Input Voltage. FIGURE 2-3: Quiescent Current vs. Input Voltage. FIGURE 2-4: Ground Current vs. Load Current. FIGURE 2-5: Quiescent Current vs. Junction Temperature. FIGURE 2-6: Quiescent Current vs. Input Voltage. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 40 50 60 70 80 3456789 10 11 12 13 14 15 16 Input Voltage (V) V OUT = 1.8V I OUT = 0 µA +25 °C +130 °C -45 °C 0 °C +90 °C 40 45 50 55 60 65 70 3579 11 13 15 Input Voltage (V) V OUT = 3.3V I OUT = 0 µA +25 °C +130 °C -45 °C 0 °C +90 °C 0 10 20 30 40 50 60 70 80 1.0 3.0 5.0 7.0 9.0 11.0 13.0 15.0 17.0 Input Voltage (V) V OUT = 5.0V I OUT = 0 µA +25 °C +130 °C -45 °C 0 °C +90 °C 40 60 80 100 120 140 160 180 0 20 40 60 80 100 120 140 160 Load Current (mA) V OUT = 5.0V V OUT = 3.3V V OUT = 1.8V 0 10 20 30 40 50 60 70 80 -45 -20 5 30 55 80 105 130 Junction Temperature (°C) V OUT = 5.0V V OUT = 1.8V V OUT = 3.3V 0 10 20 30 40 50 60 70 80 0 2 4 6 8 10 12 14 16 18 Input Voltage (V) V OUT = 5.0V +25 °C |
Số phần tương tự - MCP1754ST-1802E |
|
Mô tả tương tự - MCP1754ST-1802E |