công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F207IG bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
STM32F207IG bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
10 / 177 page Introduction STM32F20xxx 10/177 Doc ID 15818 Rev 9 1 Introduction This datasheet provides the description of the STM32F205xx and STM32F207xx lines of microcontrollers. For more details on the whole STMicroelectronics STM32™ family, please refer to Section 2.1: Full compatibility throughout the family. The STM32F205xx and STM32F207xx datasheet should be read in conjunction with the STM32F20x/STM32F21x reference manual. They will be referred to as STM32F20x devices throughout the document. For information on programming, erasing and protection of the internal Flash memory, please refer to the STM32F20x/STM32F21x Flash programming manual (PM0059). The reference and Flash programming manuals are both available from the STMicroelectronics website www.st.com. For information on the Cortex™-M3 core please refer to the Cortex™-M3 Technical Reference Manual, available from the www.arm.com website at the following address: http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0337e/. |
Số phần tương tự - STM32F207IG |
|
Mô tả tương tự - STM32F207IG |