công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBJ13A-TR bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
SMBJ13A-TR bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
2 / 10 page Characteristics SMBJ 2/10 Doc ID 5616 Rev 10 1 Characteristics Figure 1. Electrical characteristics - definitions Figure 2. Pulse definition for electrical characteristics Table 1. Absolute maximum ratings (Tamb = 25 °C) Symbol Parameter Value Unit PPP Peak pulse power dissipation (1) Tj initial = Tamb 600 W Tstg Storage temperature range -65 to +150 °C Tj Operating junction temperature range -55 to +150 °C TL Maximum lead temperature for soldering during 10 s. 260 °C 1. For a surge greater than the maximum values, the diode will fail in short-circuit. Table 2. Thermal resistances Symbol Parameter Value Unit Rth(j-l) Junction to leads 20 °C/W Rth(j-a) Junction to ambient on recommended pad layout 100 °C/W V CLVBR VRM I RM I R I PP V I I RM I R I PP V RMVBR VCL V CLVBR VRM I RM I R I PP V I I RM I R I PP V RMVBR VCL V CL VBR VRM I RM I R I PP V I I F V F V CL VBR VRM I RM I R I PP V I I F V F Unidirectional Bidirectional Symbol Parameter V Stand-off voltage V Breakdown voltage V Clamping voltage I Leakage current @ V I Peak pulse current T Voltage temperature coefficient V Forward voltage drop R Dynamic resistance RM BR CL RM RM PP F D α Repetitive pulse current tr = rise time (µs) tp = pulse duration time (µs) tp t tr % Ipp 100 50 0 |
Số phần tương tự - SMBJ13A-TR |
|
Mô tả tương tự - SMBJ13A-TR |