công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34671AEP bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC34671AEP
Giải thích chi tiết về linh kiện  High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34671AEP bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34671AEP Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34671
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34671 Pin Connections
Table 1. 34671 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 11.
Pin Number
Pin Name Pin Function
Formal Name
Definition
1
VIN
Input
Input supply
The supply input.
2
PPR
Output
Power present
indicator
Indication of the input power status. Open drain output.
3
CHG
Output
Charge indicator
Indication of the charge status. Open drain output.
4
EN
Input
Enable
Enable logic input.
5
GND
Ground
Ground
Ground.
6
FAST
Output
Fast charge indicator
Indication of the fast charge status. Open drain output.
7
ISET
Output
CC-mode current
setting and charge
current monitor
CC-mode current setting and monitoring pin.
8
BAT
Output
Charger output
The charger output pin. Connect this pin to the Li-Ion battery.
EPAD
EPAD
N/A
Exposed pad
Exposed pad for thermal dissipation enhancement. Must be soldered on
the large ground plane on the PCB to increase the thermal dissipation.
The pad must be connected to GND electrically.
BAT
ISET
FAST
GND
VIN
PPR
CHG
EN
EPAD
1
2
3
4
8
7
6
5


Số phần tương tự - MC34671AEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671AEP/R2 NXP-MC34671AEP/R2 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
More results

Mô tả tương tự - MC34671AEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com