công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM186ES bảng dữ liệu(PDF) 4 Page - Advanced Micro Devices |
|
AM186ES bảng dữ liệu(HTML) 4 Page - Advanced Micro Devices |
4 / 102 page 4 Am186/188ES and Am186/188ESLV Microcontrollers PRELIMINA R Y ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed by a combination of the elements below. -40 Am186ES –20 = 20 MHz –25 = 25 MHz –33 = 33 MHz –40 = 40 MHz C TEMPERATURE RANGE C=ES Commercial (TC=0°C to +100°C) SPEED OPTION DEVICE NUMBER/DESCRIPTION \W LEAD FORMING \W=Trimmed and Formed Valid combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Note: The industrial version of the Am186ES and Am188ES microcontrollers, as well as the Am186ESLV and Am188ESLV, are available in 20 and 25 MHz operating frequencies only. The Am186ES, Am188ES, Am186ESLV, and Am188ESLV microcontrollers are all functionally the same except for their DC characteristics and available frequencies. Valid Combinations PACKAGE TYPE V =100-Pin Thin Quad Flat Pack (TQFP) K =100-Pin Plastic Quad Flat Pack (PQFP) V where: TC = case temperature Am186ESLV–25 Valid Combinations Am188ESLV–25 Am188ESLV–20 Am186ESLV–20 VC\W or KC\W Am186ES–25 Am186ES–33 Am186ES–40 Am188ES–25 Am188ES–33 Am188ES–40 VC\W or KC\W Am188ES–20 Am186ES–20 KI\W Am186ES–25 Am188ES–25 KI\W Am188ES–20 Am186ES–20 VC\W or KC\W VC\W or KC\W TA = ambient temperature C=ESLV Commercial (TA=0°C to +70°C) I=ES Industrial (TA=–40°C to +85°C) Am186ES High-Performance, 80C186-Compatible, 16-Bit Embedded Microcontroller Am188ES High-Performance, 80C188-Compatible, 16-Bit Embedded Microcontroller Am186ESLV High-Performance, 80L186-Compatible, Low-Voltage, 16-Bit Embedded Microcontroller Am188ESLV High-Performance, 80L188-Compatible, Low-Voltage, 16-Bit Embedded Microcontroller |
Số phần tương tự - AM186ES |
|
Mô tả tương tự - AM186ES |