công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7890SQ-10QML bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện AD7890SQ-10QML
Giải thích chi tiết về linh kiện  STANDARD MICROCIRCUIT DRAWING
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AD7890SQ-10QML bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AD7890SQ-10QML Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7890SQ-10QML Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7890SQ-10QML Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7890SQ-10QML Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7890SQ-10QML Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7890SQ-10QML Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7890SQ-10QML Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7890SQ-10QML Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7890SQ-10QML Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95615
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
C
SHEET
8
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - continued.
Test
Symbol
Conditions 1/, 3/, 5/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Data valid to SCLK falling
edge hold time
t11
9, 10, 11
01
10
ns
TFS to SCLK falling edge
hold time
t12
9, 10, 11
01
20
ns
RFS low to SCLK falling
edge setup time
t13
9, 10, 11
01
20
ns
RFS low to data valid delay
8/
t14
9, 10, 11
01
40
ns
SCLK high pulse width
t15
9, 10, 11
01
50
ns
SCLK low pulse width
t16
9, 10, 11
01
50
ns
SCLK rising edge to data
valid delay 8/
t17
9, 10, 11
01
35
ns
RFS to SCLK falling edge
hold time
t18
9, 10, 11
01
20
ns
Bus relinquish time after
rising edge of RFS
t19
9, 10, 11
01
50
ns
Bus relinquish time after
rising edge of SCLK 9/
t19A
9, 10, 11
01
90
ns
TFS low to SCLK falling edge
setup time
t20
9, 10, 11
01
20
ns
Data valid to SCLK falling
edge setup time
t21
9, 10, 11
01
10
ns
Data valid to SCLK falling
edge hold time
t22
9, 10, 11
01
15
ns
TFS low to SCLK falling edge
hold time
t23
9, 10, 11
01
40
ns
1/ VDD = +5.25 V, AGND = DGND = 0 V, REF IN = +2.5 V, fCLKIN = 2.5 MHz external, MUX OUT connected to SHA IN.
2/ Full-scale error match applied to both positive and negative full scale.
3/ Subgroups 9, 10, and 11 are tested initially and after any changes which may affect these parameters. See figures 3 and 4.
4/ Analog inputs must be at 0 V to achieve correct power-down current.
5/ All input signals are specified with tr = tf = 5 ns (10% to 90% 0f 5 V) and timed from a voltage level of 1.6 V. Tested initially
and after any design changes which may affect these parameters.
6/ Production tested with fCLKIN at 2.5 MHz. It is guaranteed by characterization to operate at 100 kHz.
7/ Specified using 10% and 90% points on waveform of interest.
8/ These numbers are measured with the load circuit of figure 3 and defined as the time required for the output to cross 0.8 V
or 2.4 V.
9/ These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit
of figure 3. The measured number is then extrapolated back to remove effects of charging or discharging the 50 pF
capacitor. This means that the times quoted in the timing characteristics are the true bus relinquish times of the part and as
such are independent of external bus loading capacitances.


Số phần tương tự - AD7890SQ-10QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD7890SQ-10QML ETC2-AD7890SQ-10QML Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
More results

Mô tả tương tự - AD7890SQ-10QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD7243ANZ ETC2-AD7243ANZ Datasheet
82Kb / 12P
   STANDARD MICROCIRCUIT DRAWING
RHFAC245D03V ETC2-RHFAC245D03V Datasheet
345Kb / 25P
   STANDARD MICROCIRCUIT DRAWING
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
National Semiconductor ...
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com