công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS-3442-20-10-FA-12-15-1 bảng dữ liệu(PDF) 4 Page - Emcore Corporation

tên linh kiện SS-3442-20-10-FA-12-15-1
Giải thích chi tiết về linh kiện  Optiva OTS-2 C-Band RF Fiber Optic Links
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMCORE [Emcore Corporation]
Trang chủ  http://www.emcore.com
Logo EMCORE - Emcore Corporation

SS-3442-20-10-FA-12-15-1 bảng dữ liệu(HTML) 4 Page - Emcore Corporation

  SS-3442-20-10-FA-12-15-1 Datasheet HTML 1Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 2Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 3Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 4Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 5Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 6Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SATCOM
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
© 2013 EMCORE Corporation
| REV 2013.10
+1 626-293-3400
DATASHEET | OCTOBER 2013
Link Performance - C-Band Uplink
Parameter
Symbol
Condition
Min
Typical
Max
Units
RF Bandwidth
-
-
5.850
-
6.725
GHz
Link Gain (+0 dBmo Rx optical input)
*^
G
G
@ 5.850 GHz
@ 6.725 GHz
-2
-2
2
2
-
-
dB
dB
Link Gain (+10 dBmo Rx optical input)
*^
G
G
@ 5.850 GHz
@ 6.725 GHz
18
18
22
22
-
-
dB
dB
Noise Figure (+0 dBmo Rx optical input)
^
NF
NF
@ 5.850 GHz
@ 6.725 GHz
12
12
-
-
-
-
dB
dB
Noise Figure (+10 dBmo Rx optical input)
^
NF
NF
@ 5.850 GHz
@ 6.725 GHz
7
7
-
-
-
-
dB
dB
Input IP3
^
IIP3
IIP3
@ 5.850 GHz
@ 6.725 GHz
-
-
-6
-5
-
-
dBm
dBm
Spurious Free Dynamic Range
^
SFDR
SFDR
@ 0 dBmo Rx Optical Input
@ +10 dBmo Rx Optical Input
101
105
-
-
--
--
dB-Hz2/3
dB-Hz2/3
Gain Variation
-
-
Any 36 MHz
Any 500 MHz
-
-
-
-
0.5
1.5
dB P-P
dB P-P
*Receiver RF output will change 2 dB for each 1 dB of RX optical input power level change
^Performance based on OTS-2T/S5 with RF Amp gain of 35 dB, OTS-2R/S5 with RF Amp gain of 15 dB
Link Performance - C-Band Downlink
Parameter
Symbol
Condition
Min
Typical
Max
Units
RF Bandwidth
-
-
3.400
-
4.200
GHz
Link Gain (+0 dBmo Rx optical input)
*^
G
G
@ 3.400 GHz
@ 4.200 GHz
0
0
4
4
-
-
dB
dB
Link Gain (+10 dBmo Rx optical input)
*^
G
G
@ 3.400 GHz
@ 4.200 GHz
20
20
24
24
-
-
dB
dB
Noise Figure (+0 dBmo Rx optical input)
^
NF
NF
@ 3.400 GHz
@ 4.200 GHz
12
12
-
-
-
-
dB
dB
Noise Figure (+10 dBmo Rx optical input)
^
NF
NF
@ 3.400 GHz
@ 4.200 GHz
7
7
-
-
-
-
dB
dB
Input IP3
^
IIP3
IIP3
@ 3.400 GHz
@ 4.200 GHz
-
-
-6
-5
-
-
dBm
dBm
Spurious Free Dynamic Range
^
SFDR
SFDR
@ 0 dBmo Rx Optical Input
@ +10 dBmo Rx Optical Input
101
105
-
-
-
-
dB-Hz2/3
dB-Hz2/3
Gain Variation
-
-
Any 36 MHz
Any 500 MHz
-
-
-
-
0.5
1.5
dB
dB
*Receiver RF output will change 2 dB for each 1 dB of Rx optical input power level change
^Performance based on OTS-2T/S5 with RF Amp gain of 35 dB, OTS-2R/S5 with RF Amp gain of 15 dB
Optiva OTS-2 C-Band
RF Fiber Optic Links


Số phần tương tự - SS-3442-20-10-FA-12-15-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
SS-30 SIRENZA-SS-30 Datasheet
387Kb / 1P
   SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
logo
List of Unclassifed Man...
SS-300R8P ETC2-SS-300R8P Datasheet
357Kb / 7P
   One of passive Back plane.
logo
Bel Fuse Inc.
SS-30100-019 BEL-SS-30100-019 Datasheet
151Kb / 1P
   10 CONDUCTOR / 10 POSITION LINE CORD MODULE
SS-30400-017 BEL-SS-30400-017 Datasheet
167Kb / 1P
   FOUR CONDUCTOR / FOUR POSITION LINE CORD MODULE
SS-30800-061 BEL-SS-30800-061 Datasheet
168Kb / 1P
   8 CONDUCTOR / 8 POSITION LINE CORD MODULE
More results

Mô tả tương tự - SS-3442-20-10-FA-12-15-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Emcore Corporation
OTS-2T EMCORE-OTS-2T Datasheet
1Mb / 6P
   Optiva OTS-2 X-Band RF Fiber Optic Links
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Broadcom Corporation.
AFBR-2310Z BOARDCOM-AFBR-2310Z Datasheet
557Kb / 7P
   Fiber-Optic Receiver for Multi GHz Analog Links
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
AFBR-2310Z AVAGO-AFBR-2310Z Datasheet
177Kb / 5P
   Fiber Optic Receiver for Multi GHz Analog Links
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com