công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC32597 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện MC32597
Giải thích chi tiết về linh kiện  USB Socket - Type B
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MC32597 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  MC32597 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
26/09/12
USB Socket - Type B
Specifications:
Connector Type
: USB 2.0 B
Gender
: Receptacle
No. of Contacts
: 4
Contact Termination
: Solder
Contact Plating
: Gold
Contact Material
: Phosphor Bronze
Connector Mounting Orientation
: PCB
Current rating
: 1.0A AC/DC
Voltage rating
: 30V AC/DC
Min. insulation resistance
: 1,000MΩ
Max. contact resistance
: 20mΩ
Withstanding voltage
: 750V AC/minute
Operating temperature range
: -40°C to +105°C
Material and finish:
Insulator
: PBT
Contact
: Copper alloy
Plating
: Gold plated on contact area, tin plated on
solder tail
Shell
: Copper alloy, nickel plated
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
USB Type B, Receptacle
MC32597
Dimensions : Millimetres
Part Number Table


Số phần tương tự - MC32597

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC32595 ETC2-MC32595 Datasheet
152Kb / 1P
   USB Socket
More results

Mô tả tương tự - MC32597

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
   Mini USB B Type Socket
KMMVX KYCON-KMMVX Datasheet
527Kb / 1P
   Vertical Mount Micro USB 2.0 Type B Socket
logo
Maxim Integrated Produc...
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
logo
FCI connector
61729-1011BLF FCI-CONNECTOR-61729-1011BLF Datasheet
155Kb / 2P
   USB RECEPTACLE B TYPE
61729-0010BLF FCI-CONNECTOR-61729-0010BLF Datasheet
155Kb / 2P
   USB RECEPTACLE B TYPE
logo
Adam Technologies, Inc.
MCR-B-S-RA-SMT-TR ADAM-TECH-MCR-B-S-RA-SMT-TR Datasheet
100Kb / 1P
   MICRO USB TYPE B
logo
Assmann Electronics Inc...
A-USBPB-2 ASSMANN-A-USBPB-2 Datasheet
724Kb / 1P
   USB, Type B, Assembly-Type
logo
Adam Technologies, Inc.
MCR-B-S-RA-TSMT-P-TR ADAM-TECH-MCR-B-S-RA-TSMT-P-TR Datasheet
124Kb / 1P
   MICRO USB TYPE B
MCR-B-S-RA-TSMT-TR ADAM-TECH-MCR-B-S-RA-TSMT-TR Datasheet
95Kb / 1P
   MICRO USB TYPE B
MCR-B-S-RA-SMT-CS1-TR ADAM-TECH-MCR-B-S-RA-SMT-CS1-TR Datasheet
92Kb / 1P
   MICRO USB TYPE B
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com