công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP3335ARMZ-5-REEL bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
ADP3335ARMZ-5-REEL bảng dữ liệu(HTML) 10 Page - Analog Devices |
10 / 16 page ADP3335 Data Sheet Rev. D | Page 10 of 16 APPLICATIONS INFORMATION OUTPUT CAPACITOR SELECTION As with any micropower device, output transient response is a function of the output capacitance. The ADP3335 is stable over a wide range of capacitor values, types, and ESR (anyCAP). A capacitor as low as 1 µF is all that is needed for stability; larger capacitors can be used if high output current surges are anticipated. The ADP3335 is stable with extremely low ESR capacitors (ESR ≈ 0), such as multilayer ceramic capacitors (MLCC) or organic semiconductor electrolytic capacitors (OSCON). Note that the effective capacitance of some capacitor types may fall below the minimum at extreme temperatures. Ensure that the capacitor provides more than 1 µF over the entire temperature range. INPUT BYPASS CAPACITOR An input bypass capacitor is not strictly required, but is advisable in any application involving long input wires or high source impedance. Connecting a 1 µF capacitor from IN to ground reduces the circuit’s sensitivity to PC board layout. If a larger value output capacitor is used, then a larger value input capacitor is also recommended. NOISE REDUCTION A noise reduction capacitor (CNR) can be used, as shown in Figure 24, to further reduce the noise by 6 dB to 10 dB (Figure 22). Low leakage capacitors in the 100 pF to 1 nF range provide the best performance. Since the noise reduction pin, NR, is internally connected to a high impedance node, any connection to this node should be made carefully to avoid noise pickup from external sources. The pad connected to this pin should be as small as possible, and long PC board traces are not recommended. When adding a noise reduction capacitor, maintain a minimum load current of 1 mA when not in shutdown. It is important to note that as CNR increases, the turn-on time will be delayed. With NR values greater than 1 nF, this delay may be on the order of several milliseconds. NR IN IN OUT OUT OUT GND SD ADP3335 ON OFF VIN CIN 1 µF + + VOUT 1 3 4 7 2 5 6 8 COUT 1 µF CNR Figure 24. Typical Application Circuit THERMAL OVERLOAD PROTECTION The ADP3335 is protected against damage from excessive power dissipation by its thermal overload protection circuit, which limits the die temperature to a maximum of 165°C. Under extreme conditions (i.e., high ambient temperature and power dissipation) where die temperature starts to rise above 165°C, the output current is reduced until the die temperature has dropped to a safe level. The output current is restored when the die temperature is reduced. Current and thermal limit protections are intended to protect the device against accidental overload conditions. For normal operation, device power dissipation should be externally limited so that junction temperatures will not exceed 150°C. CALCULATING JUNCTION TEMPERATURE Device power dissipation is calculated as follows: PD = (VIN − VOUT)ILOAD + (VIN)IGND Where ILOAD and IGND are load current and ground current, and VIN and VOUT are input and output voltages, respectively. Assuming ILOAD = 400 mA, IGND = 4 mA, VIN = 5.0 V, and VOUT = 3.3 V, device power dissipation is PD = (5 V – 3.3 V)400 mA + 5.0 V(4 mA) = 700 mW The junction temperature can be calculated from the power dissipation, ambient temperature, and package thermal resistance. The thermal resistance is a function not only of the package, but also of the circuit board layout. Standard test conditions are used to determine the values published in this data sheet, but actual performance will vary. For an LFCSP-8 package mounted on a standard 4-layer board, θJA is 48°C/W. In the above example, where the power dissipation is 700 mW, the temperature rise above ambient will be approximately equal to ∆TJA = 0.700 W × 48°C/W = 33.6°C To limit the maximum junction temperature to 150°C, the maximum allowable ambient temperature will be TAMAX = 150°C − 33.6°C = 116.4°C In this case, the resulting ambient temperature limitation is above the maximum allowable ambient temperature of 85°C. |
Số phần tương tự - ADP3335ARMZ-5-REEL |
|
Mô tả tương tự - ADP3335ARMZ-5-REEL |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |