công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3330ART-2.75 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADP3330ART-2.75
Giải thích chi tiết về linh kiện  High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3330ART-2.75 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADP3330ART-2.75 Datasheet HTML 1Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 2Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 3Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 4Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 5Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 6Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 7Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 8Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. A
ADP3330
ADP3330-2.5–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE ACCURACY
VOUT
VIN = +2.9 V to +12 V
IL = 0.1 mA to 200 mA
TA = +25°C
–0.7
+0.7
%
VIN = +2.9 V to +12 V
IL = 0.1 mA to 150 mA
TA = –40°C to +85°C
–1.4
+1.4
%
VIN = +2.9 V to +12 V
IL = 0.1 mA to 200 mA
TA = –20°C to +85°C
–1.4
+1.4
%
LINE REGULATION
VIN = +2.9 V to +12 V
TA = +25°C
0.04
mV/V
LOAD REGULATION
IL = 0.1 mA to 200 mA
TA = +25°C
0.04
mV/mA
GROUND CURRENT
IGND
IL = 200 mA, TA = –20°C to +85°C
1.6
4.0
mA
IL = 150 mA
1.2
3.1
mA
IL = 50 mA
0.4
1.1
mA
IL = 0.1 mA
34
50
µA
GROUND CURRENT IN DROPOUT
IGND
VIN = VOUTNOM – 100 mV
IL = 0.1 mA
37
55
µA
DROPOUT VOLTAGE
VDROP
VOUT = 98% of VOUTNOM
IL = 200 mA, TA = –20°C to +85°C
0.14
0.4
V
IL = 150 mA
0.11
0.3
V
IL = 10 mA
0.042
0.06
V
IL = 1 mA
0.025
0.05
2
V
PEAK LOAD CURRENT
ILDPK
VIN = VOUTNOM + 1 V
300
mA
OUTPUT NOISE
3
VNOISE
f = 10 Hz–100 kHz, CL = 10 µF
IL = 200 mA, CNR = 10 nF, VOUT = 3 V
47
µV rms
f = 10 Hz–100 kHz, CL = 10 µF
IL = 200 mA, CNR = 0 nF, VOUT = 3 V
95
µV rms
SHUTDOWN THRESHOLD
VTHSD
ON
2.0
V
OFF
0.4
V
SHUTDOWN PIN INPUT CURRENT
ISD
VIN = 12 V, 0 < SD, ≤ 12 V
1.9
9
µA
0 < SD,
≤ 5 V
1.4
6
µA
GROUND CURRENT IN SHUTDOWN
MODE
IGNDSD
SD = 0 V, V
IN = 12 V
0.01
2
µA
OUTPUT CURRENT IN SHUTDOWN
IOSD
TA = +25°C @ VIN = 12 V
1
µA
MODE
TA = +85°C @ VIN = 12 V
2
µA
ERROR PIN OUTPUT LEAKAGE
IEL
VEO = 5 V
1
µA
ERROR PIN OUTPUT “LOW”
VOLTAGE
VEOL
ISINK = 400 µA
0.19
0.40
V
NOTES
1Ambient temperature of +85
°C corresponds to a junction temperature of +125°C under typical full load test conditions.
2Application stable with no load.
3See detail in Figure 19 and Application section of data sheet.
Specifications subject to change without notice.
(@ TA = –40 C to +85 C, VIN = +7 V ,CIN = 0.47 F, COUT = 0.47 F,
unless otherwise noted).1, 2
∆V
O
∆V
IN
V
I
O
L


Số phần tương tự - ADP3330ART-2.75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3330ART-2.75 AD-ADP3330ART-2.75 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-2.75 AD-ADP3330ART-2.75 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-2.75 AD-ADP3330ART-2.75 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results

Mô tả tương tự - ADP3330ART-2.75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-33-RL7 AD-ADP3330ART-33-RL7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-2.5-R7 AD-ADP3330ARTZ-2.5-R7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
   Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. 0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com