công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV25N50E bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MTV25N50E
Giải thích chi tiết về linh kiện  TMOS POWER FET 25 AMPERES 500 VOLTS RDS(on) = 0.200 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTV25N50E bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MTV25N50E Datasheet HTML 1Page - Motorola, Inc MTV25N50E Datasheet HTML 2Page - Motorola, Inc MTV25N50E Datasheet HTML 3Page - Motorola, Inc MTV25N50E Datasheet HTML 4Page - Motorola, Inc MTV25N50E Datasheet HTML 5Page - Motorola, Inc MTV25N50E Datasheet HTML 6Page - Motorola, Inc MTV25N50E Datasheet HTML 7Page - Motorola, Inc MTV25N50E Datasheet HTML 8Page - Motorola, Inc MTV25N50E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MTV25N50E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
500
0.51
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 500 Vdc, VGS = 0 Vdc)
(VDS = 500 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
2.9
7.0
4.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance (VGS = 10 Vdc, ID = 12.5 Adc)
RDS(on)
0.19
0.2
Ohm
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 25 Adc)
(VGS = 10 Vdc, ID = 12.5 Adc, TJ = 125°C)
VDS(on)
5.4
6.0
5.3
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 12.5 Adc)
gFS
11
17
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
4700
6580
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
520
728
Transfer Capacitance
f = 1.0 MHz)
Crss
200
280
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 250 Vdc, ID = 25 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
37
70
ns
Rise Time
(VDD = 250 Vdc, ID = 25 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
tr
137
280
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
118
240
Fall Time
G = 9.1 Ω)
tf
112
230
Gate Charge
(See Figure 8)
(VDS = 400 Vdc, ID = 25 Adc,
VGS = 10 Vdc)
QT
132
180
nC
(See Figure 8)
(VDS = 400 Vdc, ID = 25 Adc,
VGS = 10 Vdc)
Q1
29
(VDS = 400 Vdc, ID = 25 Adc,
VGS = 10 Vdc)
Q2
63
Q3
61
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 25 Adc, VGS = 0 Vdc)
(IS = 25 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.9
0.79
1.1
Vdc
Reverse Recovery Time
(IS = 25 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
501
ns
(IS = 25 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
332
(IS = 25 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
170
Reverse Recovery Stored Charge
QRR
9.42
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
5.0
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
13
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Số phần tương tự - MTV25N50E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
MTV25N50E ISC-MTV25N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - MTV25N50E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTE53N50E MOTOROLA-MTE53N50E Datasheet
167Kb / 8P
   TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTV16N50E MOTOROLA-MTV16N50E Datasheet
276Kb / 10P
   TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
MTW14N50E MOTOROLA-MTW14N50E Datasheet
205Kb / 8P
   TMOS POWER FET 14 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com