công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1222BRMZ1 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADG1222BRMZ1
Giải thích chi tiết về linh kiện  Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1222BRMZ1 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADG1222BRMZ1 Datasheet HTML 1Page - Analog Devices ADG1222BRMZ1 Datasheet HTML 2Page - Analog Devices ADG1222BRMZ1 Datasheet HTML 3Page - Analog Devices ADG1222BRMZ1 Datasheet HTML 4Page - Analog Devices ADG1222BRMZ1 Datasheet HTML 5Page - Analog Devices ADG1222BRMZ1 Datasheet HTML 6Page - Analog Devices ADG1222BRMZ1 Datasheet HTML 7Page - Analog Devices ADG1222BRMZ1 Datasheet HTML 8Page - Analog Devices ADG1222BRMZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG1221/ADG1222/ADG1223
Rev. A | Page 5 of 16
Temperature
Parameter
25°C
–40°C to +85°C
–40°C to +125°C
Unit
Test Conditions/Comments
Channel On Leakage, ID, IS (On)
VS = VD = 1 V or 10 V (see Figure 25)
±0.01
nA typ
±0.2
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
VIN = VINL or VINH
0.001
μA typ
±0.1
μA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS1
tON
RL = 300 Ω, CL = 35 pF, VS = 8 V
(see Figure 26)
190
ns typ
250
300
345
ns max
tOFF
RL = 300 Ω, CL = 35 pF, VS = 8 V
(see Figure 26)
120
ns typ
150
190
225
ns max
Break-Before-Make Time Delay
(ADG1223 Only), tBBM
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 8 V
(see Figure 27)
70
ns typ
10
ns min
Charge Injection, QINJ
0.2
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF
(see Figure 28)
Off Isolation
75
dB typ
RL = 50 Ω, CL =1 pF, f = 1 MHz
(see Figure 29)
Channel-to-Channel Crosstalk
90
dB typ
RL = 50 Ω, CL = 1 pF, f = 1 MHz
(see Figure 30)
−3 dB Bandwidth
550
MHz typ
RL = 50 Ω, CL = 1 pF (see Figure 31)
CS (Off )
VS = 6 V, f = 1 MHz
2.1
pF typ
2.6
pF max
CD (Off )
VS = 6 V, f = 1 MHz
2.1
pF typ
2.6
pF max
CD, CS (On)
VS = 6 V, f = 1 MHz
3.8
pF typ
4.6
pF max
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
Digital inputs = 0 V or VDD
140
μA typ
Digital inputs = 5 V
190
μA max
Digital inputs = 5 V
VDD
5/16.5
V min/max
VSS = 0 V, GND = 0 V
1 Guaranteed by design, not subject to production test.


Số phần tương tự - ADG1222BRMZ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1222BRMZ AD-ADG1222BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1222BRMZ-REEL7 AD-ADG1222BRMZ-REEL7 Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
More results

Mô tả tương tự - ADG1222BRMZ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com