công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8842AN bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD8842AN
Giải thích chi tiết về linh kiện  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8842AN bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD8842AN Datasheet HTML 1Page - Analog Devices AD8842AN Datasheet HTML 2Page - Analog Devices AD8842AN Datasheet HTML 3Page - Analog Devices AD8842AN Datasheet HTML 4Page - Analog Devices AD8842AN Datasheet HTML 5Page - Analog Devices AD8842AN Datasheet HTML 6Page - Analog Devices AD8842AN Datasheet HTML 7Page - Analog Devices AD8842AN Datasheet HTML 8Page - Analog Devices AD8842AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AD8842–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
STATIC ACCURACY—All Specifications Apply for DACs A, B, C, D, E, F, G, H
Resolution
N
8
Bits
Integral Nonlinearity Error
INL
±0.2
±1
LSB
Differential Nonlinearity
DNL
All Devices Monotonic
±0.4
±1
LSB
Full-Scale Gain Error
GFSE
2
LSB
Output Offset
VBZE
PR
= 0, Sets D = 80H
525
mV
Output Offset Drift
TCVBZ
PR
= 0, Sets D = 80H
5
µV/°C
VOLTAGE INPUTS—Applies to All Inputs VINx
Input Voltage Range
1
IVR
±3
±4V
Input Resistance
RIN
12
19
k
Input Capacitance
CIN
9pF
DAC OUTPUTS—Applies to All Outputs VOUTx
Voltage Range
1
OVR
RL = 10 kΩ± 3
±4V
Output Current
IOUT
∆V
OUT < 1.5 LSB
±3mA
Capacitive Load
CL
No Oscillation
500
pF
DYNAMIC PERFORMANCE—Applies to All DACs
Full Power Gain Bandwidth
1
GBW
VINx = ± 3 VP, RL = 2 kΩ, CL = 10 pF
10
50
kHz
Slew Rate
Measured 10% to 90%
Positive
SR+
∆V
OUTx = +5.5 V
0.5
1.0
V/
µs
Negative
SR–
∆V
OUTx = –5.5 V
1.0
1.8
V/
µs
Total Harmonic Distortion
THD
VINx = 4 V p-p, D = FFH, f = 1 kHz,
0.01
%
fLPF = 80 kHz, RL = 1 kΩ
Spot Noise Voltage
eN
f = 1kHz, VIN = 0 V
78
nV/
√Hz
Output Settling Time
tS
±1 LSB Error Band, D = 00
H to FFH
2.9
µs
D = FFH to 00H
5.4
µs
Channel-to-Channel Crosstalk
CT
Measured Between Adjacent
Channels, f = 100 kHz
72
dB
Digital Feedthrough
Q
VINx = 0 V, D = 0 to 25510
5
nV-s
POWER SUPPLIES
Positive Supply Current
IDD
PR
= 0 V
10
14
mA
Negative Supply Current
ISS
PR
= 0 V
9
13
mA
Power Dissipation
2
PDISS
95
135
mW
Power Supply Rejection
PSRR
PR
= 0 V,
∆V
DD = ± 5%
0.0001
0.01
%/%
Power Supply Range
PSR
VDD, |VSS|
4.75
5.00
5.25
V
DIGITAL INPUTS
Logic High
VIH
2.4
V
Logic Low
VIL
0.8
V
Input Current
IL
±10
µA
Input Capacitance
CIL
7pF
Input Coding
Offset Binary
DIGITAL OUTPUT
Logic High
V
OH
I
OH = –0.4 mA
3.5
V
Logic Low
V
OL
I
OL = 1.6 mA
0.4
V
TIMING SPECIFICATIONS
1
Input Clock Pulse Width
tCH, tCL
60
ns
Data Setup Time
tDS
40
ns
Data Hold Time
tDH
20
ns
CLK to SDO Propagation Delay
tPD
80
ns
DAC Register Load Pulse Width
tLD
70
ns
Preset Pulse Width
tPR
50
ns
Clock Edge to Load Time
tCKLD
30
ns
Load Edge to Next Clock Edge
tLDCK
60
ns
NOTES
1Guaranteed by design, not subject to production test.
2Calculated limit = 5 V
× (I
DD + ISS).
Specifications subject to change without notice.
REV.
–2–
(VDD = +5 V, VSS = –5 V, All VINx = +3 V, TA = –40
°C to +85°C, unless otherwise noted.)
A


Số phần tương tự - AD8842AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8842AN AD-AD8842AN Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842AN AD-AD8842AN Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Mô tả tương tự - AD8842AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com