công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM27X020-75PI bảng dữ liệu(PDF) 5 Page - Advanced Micro Devices |
|
AM27X020-75PI bảng dữ liệu(HTML) 5 Page - Advanced Micro Devices |
5 / 10 page Am27X020 5 ABSOLUTE MAXIMUM RATINGS Storage Temperature OTP Products. . . . . . . . . . . . . . . . . . –65 °C to +125°C Ambient Temperature with Power Applied. . . . . . . . . . . . . . –55 °C to +125°C Voltage with Respect to VSS All pins except VCC . . . . . . . . . –0.6 V to VCC + 0.6 V VCC (Note 1). . . . . . . . . . . . . . . . . . . . . –0.6 V to 7.0 V Note: 1. Minimum DC voltage on input or I/O pins –0.5 V. During voltage transitions, the input may overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on input and I/O pins is VCC + 5 V. During voltage transitions, input and I/O pins may overshoot to VCC + 2.0 V for periods up to 20 ns. Stresses above those listed under “Absolute Maximum Rat- ings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the opera- tional sections of this specification is not implied. Exposure of the device to absolute maximum ratings for extended periods may affect device reliability. OPERATING RANGES Commercial (C) Devices Ambient Temperature (TA) . . . . . . . . . . .0°C to +70°C Industrial (I) Devices Ambient Temperature (TA) . . . . . . . . .–40°C to +85°C Supply Read Voltages VCC for ± 5% devices . . . . . . . . . . +4.75 V to +5.25 V VCC for ± 10% devices . . . . . . . . . +4.50 V to +5.50 V Operating ranges define those limits between which the func- tionality of the device is guaranteed. |
Số phần tương tự - AM27X020-75PI |
|
Mô tả tương tự - AM27X020-75PI |