công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD590LF bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
AD590LF bảng dữ liệu(HTML) 1 Page - Analog Devices |
1 / 16 page 2-Terminal IC Temperature Transducer Data Sheet AD590 Rev. G Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Linear current output: 1 μA/K Wide temperature range: −55°C to +150°C Probe-compatible ceramic sensor package 2-terminal device: voltage in/current out Laser trimmed to ±0.5°C calibration accuracy (AD590M) Excellent linearity: ±0.3°C over full range (AD590M) Wide power supply range: 4 V to 30 V Sensor isolation from case Available in 2-lead FLATPACK, 4-lead LFCSP, 3-pin TO-52, 8-lead SOIC, and die form GENERAL DESCRIPTION The AD590 is a 2-terminal integrated circuit temperature trans- ducer that produces an output current proportional to absolute temperature. For supply voltages between 4 V and 30 V, the device acts as a high impedance, constant current regulator passing 1 μA/K. Laser trimming of the chip’s thin-film resistors is used to calibrate the device to 298.2 μA output at 298.2 K (25°C). The AD590 should be used in any temperature-sensing application below 150°C in which conventional electrical temperature sensors are currently employed. The inherent low cost of a monolithic integrated circuit combined with the elimination of support circuitry makes the AD590 an attractive alternative for many temperature measurement situations. Linearization circuitry, precision voltage amplifiers, resistance measuring circuitry, and cold junction compensation are not needed in applying the AD590. In addition to temperature measurement, applications include temperature compensation or correction of discrete components, biasing proportional to absolute temperature, flow rate measure- ment, level detection of fluids and anemometry. The AD590 is available in die form, making it suitable for hybrid circuits and fast temperature measurements in protected environments. The AD590 is particularly useful in remote sensing applications. The device is insensitive to voltage drops over long lines due to its high impedance current output. Any well-insulated twisted pair is sufficient for operation at hundreds of feet from the receiving circuitry. The output characteristics also make the AD590 easy to multiplex: the current can be switched by a CMOS multiplexer, or the supply voltage can be switched by a logic gate output. PIN CONFIGURATIONS Figure 1. 2-Lead FLATPACK Figure 2. 4-Lead LFCSP Figure 3. 3-Pin TO-52 Figure 4. 8-Lead SOIC PRODUCT HIGHLIGHTS 1. The AD590 is a calibrated, 2-terminal temperature sensor requiring only a dc voltage supply (4 V to 30 V). Costly transmitters, filters, lead wire compensation, and lineari- zation circuits are all unnecessary in applying the device. 2. State-of-the-art laser trimming at the wafer level in conjunction with extensive final testing ensures that AD590 units are easily interchangeable. 3. Superior interface rejection occurs because the output is a current rather than a voltage. In addition, power requirements are low (1.5 mW @ 5 V @ 25°C). These features make the AD590 easy to apply as a remote sensor. 4. The high output impedance (>10 MΩ) provides excellent rejection of supply voltage drift. For instance, changing the power supply from 5 V to 10 V results in only a 1 μA maximum current change, or 1°C equivalent error. 5. The AD590 is electrically durable: it withstands a forward voltage of up to 44 V and a reverse voltage of 20 V. Therefore, supply irregularities or pin reversal does not damage the device. +– 1 V+ 2 V– 4NC 3NC AD590 TOP VIEW (Not to Scale) PIN 5 (EXPOSED PAD) NOTES 1. NC = NO CONNECT. THE NC PIN IS NOT BONDED TO THE DIE INTERNALLY. 2. TO ENSURE CORRECT OPERATION, THE EXPOSED PAD (EP) SHOULD BE LEFT FLOATING. – + NC = NO CONNECT TOP VIEW (Not to Scale) NC 1 V+ 2 V– 3 NC 4 NC NC NC NC 8 7 6 5 |
Số phần tương tự - AD590LF |
|
Mô tả tương tự - AD590LF |