công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM27C040-90 bảng dữ liệu(PDF) 6 Page - Advanced Micro Devices

tên linh kiện AM27C040-90
Giải thích chi tiết về linh kiện  4 Megabit (512 K x 8-Bit) CMOS EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040-90 bảng dữ liệu(HTML) 6 Page - Advanced Micro Devices

Back Button AM27C040-90 Datasheet HTML 2Page - Advanced Micro Devices AM27C040-90 Datasheet HTML 3Page - Advanced Micro Devices AM27C040-90 Datasheet HTML 4Page - Advanced Micro Devices AM27C040-90 Datasheet HTML 5Page - Advanced Micro Devices AM27C040-90 Datasheet HTML 6Page - Advanced Micro Devices AM27C040-90 Datasheet HTML 7Page - Advanced Micro Devices AM27C040-90 Datasheet HTML 8Page - Advanced Micro Devices AM27C040-90 Datasheet HTML 9Page - Advanced Micro Devices AM27C040-90 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Am27C040
FI NAL
common connection to all devices in the array and con-
nected to the READ line from the system control bus.
This assures that all deselected memory devices are in
their low-power standby mode and that the output pins
are only active when data is desired from a particular
memory device.
System Applications
During the switch between active and standby condi-
tions, transient current peaks are produced on the ris-
ing and falling edges of Chip Enable. The magnitude of
these transient current peaks is dependent on the out-
put capacitance loading of the device. At a minimum, a
0.1 µF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and VSS to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM ar-
rays, a 4.7 µF bulk electrolytic capacitor should be used
between VCC and VSS for each eight devices. The loca-
tion of the capacitor should be close to where the
power supply is connected to the array.
MODE SELECT TABLE
Note:
1. VH = 12.0 V ± 0.5 V.
2. X = Either VIH or VIL
3. A1 – A8 = A10 – A18 = VIL
4. See DC Programming Characteristics in the EPROM Products Data Book for VPP voltage during programming
Mode
CE#/PGM#
OE#
A0
A9
VPP
Outputs
Read
VIL
VIL
XX
X
DOUT
Output Disable
VIL
VIH
X
X
X
HIGH Z
Standby (TTL)
VIH
X
X
X
X
HIGH Z
Standby (CMOS)
VCC + 0.3 V
X
X
X
X
HIGH Z
Program
VIL
VIH
XX
VPP
DIN
Program Verify
VIL
VIL
XX
VPP
DOUT
Program Inhibit
VIH
XX
X
VPP
HIGH Z
Auto Select
(Note 3)
Manufacturer Code
VIL
VIL
VIL
VH
X
01h
Device Code
VIL
VIL
VIH
VH
X
9Bh


Số phần tương tự - AM27C040-90

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM27C040-90 AMD-AM27C040-90 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
More results

Mô tả tương tự - AM27C040-90

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27X040 AMD-AM27X040 Datasheet
132Kb / 10P
   4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com