công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5547BRU-REEL7 bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
AD5547BRU-REEL7 bảng dữ liệu(HTML) 5 Page - Analog Devices |
5 / 20 page Data Sheet AD5547/AD5557 Rev. D | Page 5 of 20 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating V DD to GND −0.3 V to +8 V R FB, ROFS, R1, RCOM, and VREF to GND −18 V to +18 V Logic Inputs to GND −0.3 V to +8 V V(I OUT) to GND −0.3 V to V DD + 0.3 V Input Current to Any Pin except Supplies ±50 mA Thermal Resistance (θ JA) 1 Maximum Junction Temperature (T J MAX) 150°C Operating Temperature Range −40°C to +125°C Storage Temperature Range −65°C to +150°C Lead Temperature Vapor Phase, 60 sec 215°C Infrared, 15 sec 220°C 1 Package power dissipation = (T J MAX − TA)/θJA. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Số phần tương tự - AD5547BRU-REEL7 |
|
Mô tả tương tự - AD5547BRU-REEL7 |