công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM17130TEL80 bảng dữ liệu(PDF) 2 Page - saftbatteries

tên linh kiện LM17130TEL80
Giải thích chi tiết về linh kiện  Tel.X Battery rack systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAFT [saftbatteries]
Trang chủ  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LM17130TEL80 bảng dữ liệu(HTML) 2 Page - saftbatteries

  LM17130TEL80 Datasheet HTML 1Page - saftbatteries LM17130TEL80 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Saft
Industrial Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel. : +33 1 49 93 19 18
Fax : +33 1 49 93 19 64
www.saftbatteries.com
Doc. No 21808-2-0811
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
Published by the Communications Department.
Photo credit: Saft
Société par Actions Simplifiée au capital de 31 944 000 €
RCS Bobigny B 383 703 873
Produced in the UK by Arthur Associates Limited
Battery model
Rack weight without batteries
Rack dimensions
48 V [kg] 48 V [lbs]
24 V [kg] 24 V [lbs]
W [cm]
W [in]
D [cm]
D [in]
H [cm]
H [in]
TLX 8O
104
230
122
270
52
20.5
42
16.5
213
84
TLX 100
113
250
132
290
52
20.5
52
20.5
213
84
TLX 150
127
280
145
320
52
20.5
71
28.0
213
84
TLX 180
132
290
150
330
52
20.5
85
33.5
213
84
Battery model
Rack weight without batteries
Rack dimensions
48 V [kg] 48 V [lbs]
24 V [kg] 24 V [lbs]
W [cm]
W [in]
D [cm]
D [in]
H [cm]
H [in]
TLX 8O
109
240
127
280
62
24.5
38
15.0
213
84
TLX 100
118
260
136
300
62
24.5
42
16.5
213
84
TLX 150
132
290
150
330
62
24.5
57
22.5
213
84
TLX 180
136
300
154
340
62
24.5
68
26.7
213
84
Battery model
Rack weight with batteries
Number of strings
C
8 Ah/
string
Max Wh/
string
Floor
loading
[kg/m2]
Floor
loading
[lbs/ft2]
48 V
24 V
48 V [kg] 48 V [lbs]
24 V [kg] 24 V [lbs]
TLX 8O
506
1115
524
1155
5
10
75
18000
2400
492
TLX 100
581
1280
599
1320
5
10
97
23280
2208
452
TLX 150
814
1795
832
1835
5
10
140
33600
2248
460
TLX 180
934
2060
953
2100
5
10
172
41280
2150
440
Battery model
Rack weight with batteries
Number of strings
C
8 Ah/
string
Max Wh/
string
Floor
loading
[kg/m2]
Floor
loading
[lbs/ft2]
48 V
24 V
48 V [kg] 48 V [lbs]
24 V [kg] 24 V [lbs]
TLX 8O
517
1140
535
1180
5
10
75
18000
2258
462
TLX 100
624
1375
642
1415
5
10
97
23280
2460
504
TLX 150
821
1810
839
1850
5
10
140
33600
2360
483
TLX 180
930
2050
948
2090
5
10
172
41280
2246
460
Notes
1. Use provided information to insure proper floor loadings are respected. Review building codes and respect proper engineering practices
before installing the battery rack systems. Always consider fully loaded battery rack systems when evaluating floor loadings.
2 Anchoring mechanism and grounding straps are not provided with the rack systems. Anchoring and grounding shall be done in
accordance with all applicable and required company as well as local, state and federal codes.
3. Saft is not liable or responsible for the improper installation of the rack systems.
19" rack system without batteries
23" rack system without batteries
19" rack system with batteries
23" rack system with batteries
The floor loading data is calculated based on the full system load.
The floor loading data is calculated based on the full system load.
Battery capacities and floor loading for the standard rack systems


Số phần tương tự - LM17130TEL80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
saftbatteries
LM17130 SAFT-LM17130 Datasheet
159Kb / 2P
   3 V Primary lithium-manganese dioxide
More results

Mô tả tương tự - LM17130TEL80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cherry Semiconductor Co...
G84-4100 CHERRY-G84-4100 Datasheet
2Mb / 2P
   Rack Mount Systems
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Tripp Lite. All Rights ...
BP48V272-US TRIPPLITE-BP48V272-US Datasheet
161Kb / 3P
   External 48V 2U Rack/Tower Battery Pack for select UPS Systems
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com