công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS14500 bảng dữ liệu(PDF) 1 Page - saftbatteries

tên linh kiện LS14500
Giải thích chi tiết về linh kiện  3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAFT [saftbatteries]
Trang chủ  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS14500 bảng dữ liệu(HTML) 1 Page - saftbatteries

  LS14500 Datasheet HTML 1Page - saftbatteries LS14500 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
l
Enhanced capacity
l
High voltage response, stable
during most of the lifetime of
the application
l
Wide operating temperature
range (- 60 °C/+ 85°C)
l
Low self-discharge rate
(less than 1 % after 1 year of
storage at + 20 °C)
l
Easy integration into compact
systems
l
Superior resistance to
atmospheric corrosion
Key features
l
Stainless steel container
and end caps
(low magnetic signature)
l
Hermetic glass-to-metal sealing
l
Non-flammable electrolyte
l
Compliant with IEC 60086-4
safety standard and
IEC 60079-11 intrinsic safety
standard (class T3 assignment)
l
Underwriters Laboratories (UL)
Component Recognition
l
Non-restricted for transport/
Non-assigned to Class 9
according to the UN
Recommendations on the
transport of dangerous goods
– Model Regulations
l
Manufactured in France, UK, China
Main applications
l
Utility metering
l
Automatic meter reading
l
Alarms and security devices
l
Tollgate systems
l
Memory back-up
l
Tracking systems
l
Automotive electronics
l
Professional electronics
Primary lithium battery
LS 14500
3.6 V Primary lithium-thionyl chloride (Li-SOCl2)
High energy density
AA-size bobbin cell
Cell size references
R6 - AA
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
2.6 Ah
(at 2 mA + 20 °C 2.0 V cut-off. The capacity restored by the cell varies
according to current drain, temperature and cut-off)
Open circuit voltage
(at + 20°C)
3.67 V
Nominal voltage
(at 0.2 mA + 20°C)
3.6 V
Nominal energy
9.36 Wh
Pulse capability: Typically up to 250 mA
(250 mA/0.1 second pulses, drained every 2 mn at + 20 °C from
undischarged cells with 10 µA base current, yield voltage readings above
3.0 V. The readings may vary according to the pulse characteristics, the
temperature, and the cell’s previous history. Fitting the cell with a capacitor
may be recommended in severe conditions. Consult Saft)
Maximum recommended continuous current
50 mA
(Higher currents possible, consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+ 185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
14.55 mm (0.57 in)
Height (max)
50.3 mm (1.98 in)
Typical weight
16.7 g (~ 0.6 oz)
Li metal content
approx. 0.7 g
Available termination suffix
CN, CNR
radial tabs
2 PF, 3 PF, 3 PF RP, 4 PF
radial pins
CNA (AX)
axial leads
FL
flying leads...etc.
September 2009


Số phần tương tự - LS14500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
saftbatteries
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
More results

Mô tả tương tự - LS14500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
saftbatteries
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy
logo
List of Unclassifed Man...
LS14250 ETC2-LS14250 Datasheet
62Kb / 2P
   3.6V Primary lithium-thionyl chloride (Li-SOCl2) High energy density 1/2 AA-size bobbin cells
logo
saftbatteries
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
   3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LSH14 SAFT-LSH14 Datasheet
108Kb / 2P
   3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
   3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
LS9V SAFT-LS9V Datasheet
908Kb / 2P
   Primary lithium-thionyl chloride High energy density Battery pack
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com