công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCR10YRTJ1R0 bảng dữ liệu(PDF) 3 Page - Rohm |
|
MCR10YRTJ1R0 bảng dữ liệu(HTML) 3 Page - Rohm |
3 / 7 page 3/6 www.rohm.com ○ c 2012 ROHM Co., Ltd. All rights reserved. 2012.11 - Rev.D Data Sheet MCR series < Automotive > Chip Resistor Dimensions and Markings <Marking method> There are three or four digits used for the calculation number according to IEC code and “R”is used for the decimal point. Part No. Type Code (mm) (inch) L W t a b Marking existence (Unit : mm) MCR006 YZP 0603 0201 0.6 ±0.03 0.3 ±0.03 0.23 ±0.03 0.1 ±0.05 0.15 ±0.05 No MCR01 MZP PZPI 1005 0402 1.0 ±0.05 0.5 ±0.05 0.35 ±0.05 0.2 ±0.1 No MCR03 EZP MZP PZPI 1608 0603 1.6 ±0.1 0.8 ±0.1 0.45 ±0.1 0.3 ±0.2 0.3 ±0.2 Yes ∗ MCR10 EZP 2012 0805 2.0 ±0.1 1.25 ±0.1 0.55 ±0.1 0.4 ±0.2 0.4 ±0.2 Yes MCR18 EZP 3216 1206 3.2 ±0.15 1.6 ±0.15 0.55 ±0.1 0.5 ±0.25 0.5 ±0.25 Yes MCR25 JZH 3225 1210 3.2 ±0.15 2.5 ±0.15 0.55 ±0.15 0.5 ±0.25 0.5 ±0.25 Yes MCR50 JZH 5025 2010 5.0 ±0.15 2.5 ±0.15 0.55 ±0.15 0.6 ±0.25 0.6 ±0.25 Yes MCR100 JZH 6432 2512 6.3 ±0.15 3.2 ±0.15 0.55 ±0.15 0.6 ±0.25 0.6 ±0.25 Yes 0.25 + 0.05 −0.1 Marking method of jumper type Jumper type MCR006 / 01 / 25 / 50 / 100 MCR03 / 10 / 18 No Yes Marking existence Marking method of MCR03 For MCR03 series resistors, the printing process restricts the marking to three digits/characters. Consequently, 1% tolerance resistors with values from the E24 series will be marked the same as 5% resistors with the same value, but 1% tolerance resistors with values from the E96 series will not be marked. Examples: MCR03EZPJ243 (5% tolerance, E24 / 24 k ) Marking = 243 MCR03EZPFX2402 (1% tolerance, E24 / 24 k ) Marking = 243 MCR03EZPFX2432 (1% tolerance, E96 / 24.3 k ) No Marking MCR18EZPJ243 (5% tolerance, E24 / 24 k ) Marking = 243 MCR18EZPF2402 (1% tolerance, E24 / 24 k ) Marking = 2402 MCR18EZPF2432 (1% tolerance, E96 / 24.3 k ) Marking = 2432 Land pattern Example B D A Land C Dimensions Part No. Type Code A MCR006 MCR01 MCR03 MCR10 MCR18 MCR25 MCR50 MCR100 YZP MZP PZPI EZP MZP PZPI EZP EZP JZH JZH JZH 0.3 0.5 1.0 1.2 2.2 2.2 3.8 5.1 B 0.84 1.3 2.0 2.6 4.0 4.0 6.0 8.1 C 0.3 0.5 0.8 1.15 1.5 2.3 2.3 3.0 D 0.27 0.4 0.5 0.7 0.9 0.9 1.1 1.5 (Unit : mm) b bb 103 L L W W t t a aa MCR004 / 006 / 01 / 03 MCR10 / 18 / 25 / 50 / 100 |
Số phần tương tự - MCR10YRTJ1R0 |
|
Mô tả tương tự - MCR10YRTJ1R0 |