công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73833-FCI bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện MCP73833-FCI
Giải thích chi tiết về linh kiện  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833-FCI bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button MCP73833-FCI Datasheet HTML 5Page - Microchip Technology MCP73833-FCI Datasheet HTML 6Page - Microchip Technology MCP73833-FCI Datasheet HTML 7Page - Microchip Technology MCP73833-FCI Datasheet HTML 8Page - Microchip Technology MCP73833-FCI Datasheet HTML 9Page - Microchip Technology MCP73833-FCI Datasheet HTML 10Page - Microchip Technology MCP73833-FCI Datasheet HTML 11Page - Microchip Technology MCP73833-FCI Datasheet HTML 12Page - Microchip Technology MCP73833-FCI Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2006 Microchip Technology Inc.
DS22005A-page 9
MCP73833/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Battery Management Input Supply
(VDD)
A supply voltage of [VREG (typ.) + 0.3V] to 6V is
recommended. Bypass to VSS with a minimum of 1 µF.
3.2
Charge Status Outputs (STAT1,
STAT2)
STAT1 and STAT2 are open-drain logic outputs for con-
nection to a LED for charge status indication.
Alternatively, a pull-up resistor can be applied for
interfacing to a host microcontroller.
3.3
Battery Management 0V Reference
(VSS)
Connect to negative terminal of battery and input
supply.
3.4
Current Regulation Set (PROG)
Preconditioning, fast charge, and termination currents
are scaled by placing a resistor from PROG to VSS.
The charge management controller can be disabled by
allowing the PROG input to float.
3.5
Power Good Indication (PG)
MCP73833 Only
The power good (PG) option is a pseudo open-drain
output. The PG output can sink current, but not source
current. However, there is a diode path back to the
input, and, as such, the PG output should only be
pulled up to the input. The PG output is low whenever
the input to the MCP73833 is above the UVLO
threshold and greater than the battery voltage.
3.6
Timer Enable Input (TE)
MCP73834 Only
The timer enable (TE) input option is used to enable or
disable the internal timer. A low signal on this pin
enables the internal timer and a high signal disables
the internal timer. The TE input can be used to disable
the timer when the charger is supplying current to
charge the battery and power the system load. The TE
input is compatible with 1.8V logic.
3.7
Thermistor Input (THERM)
An internal 50 µA current source provides the bias for
most common 10 k
Ω negative-temperature coefficient
thermistors (NTC). The MCP73833/4 compares the
voltage at the THERM pin to factory set thersholds of
1.20V and 0.25V, typically.
3.8
Battery Charge Control Output
(VBAT)
Connect to positive terminal of battery. Drain terminal
of internal P-channel MOSFET pass transistor. Bypass
to VSS with a minimum of 1 µF to ensure loop stability
when the battery is disconnected.
Pin No.
Symbol
Function
DFN
MSOP
11
VDD
Battery Management Input Supply
22
VDD
Battery Management Input Supply
3
3
STAT1
Charge Status Output
4
4
STAT2
Charge Status Output
55
VSS
Battery Management 0V Reference
6
6
PROG
Current Regulation Set and Charge Control Enable
77
PG, TE
MCP73833: Power Good output, MCP73834: Timer Enable input
8
8
THERM
Thermistor input
99
VBAT
Battery Charge Control Output
10
10
VBAT
Battery Charge Control Output


Số phần tương tự - MCP73833-FCI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73833-FCI/MF MICROCHIP-MCP73833-FCI/MF Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73833-FCI/UN MICROCHIP-MCP73833-FCI/UN Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833-FCI/UN MICROCHIP-MCP73833-FCI/UN Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
More results

Mô tả tương tự - MCP73833-FCI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com