công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73834T bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện MCP73834T
Giải thích chi tiết về linh kiện  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73834T bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button MCP73834T Datasheet HTML 3Page - Microchip Technology MCP73834T Datasheet HTML 4Page - Microchip Technology MCP73834T Datasheet HTML 5Page - Microchip Technology MCP73834T Datasheet HTML 6Page - Microchip Technology MCP73834T Datasheet HTML 7Page - Microchip Technology MCP73834T Datasheet HTML 8Page - Microchip Technology MCP73834T Datasheet HTML 9Page - Microchip Technology MCP73834T Datasheet HTML 10Page - Microchip Technology MCP73834T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© 2006 Microchip Technology Inc.
DS22005A-page 7
MCP73833/4
TYPICAL PERFORMANCE CURVES (Continued)
Note: Unless otherwise indicated, VDD = 5.2V, VREG = 4.20V, IOUT = 10 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-7:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-8:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-9:
Thermistor Bias Current
(ITHRERM) vs. Supply Voltage (VDD).
FIGURE 2-10:
Thermistor Bias Current
(ITHRERM) vs. Ambient Temperature (TA).
FIGURE 2-11:
Power Supply Ripple
Rejection (PSRR).
FIGURE 2-12:
Power Supply Ripple
Rejection (PSRR).
0
20
40
60
80
100
120
Junction Temperature (°C)
RPROG = 10 k
0
200
400
600
800
1000
1200
Junction Temperature (°C)
RPROG = 1 k
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
4.50
4.75
5.00
5.25
5.50
5.75
6.00
Supply Voltage (V)
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
Ambient Temperature (°C)
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VAC = 100 mVp-p
IOUT = 10 mA
COUT = 4.7 µF, X7R
Ceramic
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VAC = 100 mVp-p
IOUT = 100 mA
COUT = 4.7 µF, X7R
Ceramic


Số phần tương tự - MCP73834T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73834 MICROCHIP-MCP73834 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73834 MICROCHIP-MCP73834 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73834-6SI/MF MICROCHIP-MCP73834-6SI/MF Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73834-BZI/MF MICROCHIP-MCP73834-BZI/MF Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73834-CNI/MF MICROCHIP-MCP73834-CNI/MF Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
More results

Mô tả tương tự - MCP73834T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com