công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP41100T bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện MCP41100T
Giải thích chi tiết về linh kiện  Single/Dual Digital Potentiometer with SPI Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41100T bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button MCP41100T Datasheet HTML 6Page - Microchip Technology MCP41100T Datasheet HTML 7Page - Microchip Technology MCP41100T Datasheet HTML 8Page - Microchip Technology MCP41100T Datasheet HTML 9Page - Microchip Technology MCP41100T Datasheet HTML 10Page - Microchip Technology MCP41100T Datasheet HTML 11Page - Microchip Technology MCP41100T Datasheet HTML 12Page - Microchip Technology MCP41100T Datasheet HTML 13Page - Microchip Technology MCP41100T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP41XXX/42XXX
DS11195C-page 10
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, curve represents 10 k
Ω, 50 kΩ and 100 kΩ devices, VDD = 5V, VSS = 0V, TA = +25°C,
V
B = 0V.
FIGURE 2-19:
Gain vs. Frequency for
50k
Ω Potentiometer.
FIGURE 2-20:
Gain vs. Frequency for
100k
Ω Potentiometer.
FIGURE 2-21:
-3 dB Bandwidths.
FIGURE 2-22:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-23:
10 k
Ω Wiper Resistance vs.
Voltage.
FIGURE 2-24:
50 k
Ω & 100 kΩ Wiper
Resistance vs. Voltage.
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
6
Frequency (Hz)
CL = 30pF, Refer to Figure 2-29
MCP41050, MCP42050 (50k
Ω potentiometers)
Code = FFh
Code = 80h
Code = 40h
Code = 20h
Code = 10h
Code = 08h
Code = 04h
Code = 02h
Code = 01h
100
1k
10k
100k
1M
10M
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
6
Frequency (Hz)
CL = 30pF, Refer to Figure 2-29
MCP41100, MCP42100 (100k
Ω potentiometers)
Code = FFh
Code = 80h
Code = 40h
Code = 20h
Code = 10h
Code = 08h
Code = 04h
Code = 02h
Code = 01h
100
1k
10k
100k
1M
-36
-30
-24
-18
-12
-6
0
Frequency (Hz)
279 kHz
145 kHz
1.06 MHz
10 k
50 k
100 k
CL = 30 pF, Code = 80h
Refer to Figure 2-29
1k
10k
100k
1M
10M
0
5
10
15
20
25
30
35
40
Frequency (Hz)
100 k
Ω Potentiometer
50 k
Ω Potentiometer
10 k
Ω Potentiometer
VDD = 4.5V to 5.5V,
Code = 80h,
CL = 27 pF,
VA = 4V
Refer to Figure 2-28
1k
10k
100k
1M
10M
0
100
200
300
400
500
600
700
0123
45
Terminal B Voltage (V)
MCP41010, MCP42010
Iw = 1 mA, Code = 00h,
Refer to Figure 2-27
VDD = 2.7V
VDD = 5V
0
50
100
150
200
250
300
350
400
450
0123
45
Terminal B Voltage (V)
VDD = 2.7V
VDD = 5V
Code = 00h
Refer to Figure 2-27


Số phần tương tự - MCP41100T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP41100T MICROCHIP-MCP41100T Datasheet
689Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41100T-ISN MICROCHIP-MCP41100T-ISN Datasheet
689Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41100TE/P MICROCHIP-MCP41100TE/P Datasheet
897Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41100TE/SL MICROCHIP-MCP41100TE/SL Datasheet
897Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41100TE/SN MICROCHIP-MCP41100TE/SN Datasheet
897Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results

Mô tả tương tự - MCP41100T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP41100-I MICROCHIP-MCP41100-I Datasheet
897Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42050-I MICROCHIP-MCP42050-I Datasheet
689Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41050-ISN MICROCHIP-MCP41050-ISN Datasheet
897Kb / 32P
   Single/Dual Digital Potentiometer with SPI??Interface
07/28/03
MCP41XXX MICROCHIP-MCP41XXX Datasheet
619Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
logo
Texas Instruments
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
ams AG
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
   Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com