công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2120 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP2120
Giải thích chi tiết về linh kiện  Infrared Encoder/Decoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 2Page - Microchip Technology MCP2120 Datasheet HTML 3Page - Microchip Technology MCP2120 Datasheet HTML 4Page - Microchip Technology MCP2120 Datasheet HTML 5Page - Microchip Technology MCP2120 Datasheet HTML 6Page - Microchip Technology MCP2120 Datasheet HTML 7Page - Microchip Technology MCP2120 Datasheet HTML 8Page - Microchip Technology MCP2120 Datasheet HTML 9Page - Microchip Technology MCP2120 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MCP2120
DS21618B-page 6
© 2007 Microchip Technology Inc.
2.4.1.2
Software Selection
When the BAUD2:BAUD0 pins are configured as ’111’
the MCP2120 defaults to a baud rate of FOSC / 768.
To place the MCP2120 into Command Mode, the
MODE pin must be at a low level. When in this mode,
any data that is received by the MCP2120’s UART is
"echoed" back to the controller and no encoding/
decoding occurs. The echoed data will be skewed less
than 1 bit time (see parameter IR141). When the
MODE pin goes high, the device is returned to Data
Mode where the encoder/decoder is in operation.
Table 2-2 shows the software hex commands to config-
ure the MCP2120’s baud rate.
The MCP2120 receives data bytes at the existing baud
rate. When the change baud rate command (0x11) is
received, the last valid baud rate value received
becomes the new baud rate. The new baud rate is
effective after the stop bit of the echoed data.
Figure 2-2 shows this sequence.
2.4.2
TRANSMITTING
When the controller sends serial data to the MCP2120,
the baud rates are required to match.
There will be some jitter on the detection of the high to
low edge of the start bit. This jitter will affect the place-
ment of the encoded start bit. All subsequent bits will be
16 BITCLK times later.
2.4.3
RECEIVING
When the controller receives serial data from the
MCP2120, the baud rates are required to match.
There will be some jitter on the detection of the high to
low edge of the start bit. This jitter will affect the place-
ment of the decoded Start bit. All subsequent bits will
be 16 BITCLK times later.
FIGURE 2-1:
Data/Command Mode
Flow
TABLE 2-2:
SOFTWARE BAUD RATE SELECTION VS. FREQUENCY
MODE pin goes low
Data Mode
Command Mode
Controller sends baud
MCP2120 echoes baud
Controller sends 0x11
MCP2120 echoes 0x11
New baud rate
MODE pin goes high
Data Mode
When echoing the Data, once the first bit is
detected, it is echoed back. This means that
the echoed data is skewed no more than 1 bit
time.
The new baud rate can occur once the echoed
stop bit completes.
Hex
Command(3, 4)
Frequency (MHz)
Bit Rate
0.6144(1)
2.000
3.6864
4.9152
7.3728
14.7456(2) 20.000(2)
0x87
800
2604
4800
6400
9600
19200
26042
FOSC / 768
0x8B
1600
5208
9600
12800
19200
38400
52083
FOSC / 384
0x85
3200
10417
19200
25600
38400
78600
104167
FOSC / 192
0x83
4800
15625
28800
38400
57600
115200
156250
FOSC / 128
0x81
9600
31250
57600
78600
115200
230400
312500
FOSC / 64
Note 1: An external clock is recommended for frequencies below 2 MHz.
2: For frequencies above 7.3728 MHz, the TXIR pulse width (parameter IR121) will be shorter than the 1.6 µs
IrDA standard specification.
3: Command 0x11 is used to change to the new baud rate.
4: All other command codes are reserved for possible future use.


Số phần tương tự - MCP2120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
MCP2120 MICROCHIP-MCP2120 Datasheet
404Kb / 34P
   Infrared Encoder/Decoder
2004
MCP2120 MICROCHIP-MCP2120 Datasheet
768Kb / 36P
   Infrared Encoder/Decoder
2007
MCP2120 MICROCHIP-MCP2120 Datasheet
798Kb / 38P
   Infrared Encoder/Decoder
2007
MCP2120-ISL MICROCHIP-MCP2120-ISL Datasheet
774Kb / 36P
   Infrared Encoder/Decoder
12/08/06
More results

Mô tả tương tự - MCP2120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2120-ISL MICROCHIP-MCP2120-ISL Datasheet
774Kb / 36P
   Infrared Encoder/Decoder
12/08/06
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
   Infrared Encoder/Decoder
2007
MCP2122 MICROCHIP-MCP2122_07 Datasheet
798Kb / 38P
   Infrared Encoder/Decoder
2007
MCP2122 MICROCHIP-MCP2122 Datasheet
404Kb / 34P
   Infrared Encoder/Decoder
2004
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com