công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

MCP131-290 Datasheet(PDF) 11 Page - Microchip Technology

tên linh kiện MCP131-290
Nội dung chi tiết  Micropower Voltage Detector
tải về  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo 

Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 11
MCP111/112
4.0
APPLICATION INFORMATION
For many of today’s microcontroller applications, care
must be taken to prevent low-power conditions that can
cause many different system problems. The most
common causes are brown-out conditions, where the
system supply drops below the operating level momen-
tarily. The second most common cause is when a slowly
decaying power supply causes the microcontroller to
begin executing instructions without sufficient voltage to
sustain SRAM, thus producing indeterminate results.
Figure 4-1 shows a typical application circuit.
FIGURE 4-1:
Typical Application Circuit.
4.1
V
TRIP Operation
The voltage trip point (V
TRIP) is determined on the falling
edge of V
DD. The actual voltage trip point (VTRIPAC) will
be between the minimum trip point (V
TRIPMIN) and the
maximum trip point (V
TRIPMAX). There is a hysteresis on
this trip point to remove any “jitter” that would occur on
the V
OUT pin when the device VDD is at the trip point.
Figure 4-2 shows the state of the V
OUT
pin as
determined by the V
DD voltage. The VTRIP specification
is for falling V
DD voltages. When the VDD voltage is
rising, the V
OUT pin will not be driven high until VDD is at
V
TRIP + VHYS.
FIGURE 4-2:
VOUT Operation as Determined by the VTRIP and VHYS.
2
MCP11X
VDD
VDD
VDD
VOUT
MCLR
(Reset Input)
VSS
GND
PICmicro®
Microcontroller
3
1
RPU
Note 1: RPU may be required with the MCP111
due to the open-drain output. Resistor
RPU is not required with the MCP112.
0.1
µF
(1)
VDD
VTRIPMAX
VTRIPMIN
VTRIPAC
VTRIPAC
VTRIPAC + VHYSAC
VOUT
1V
< 1 V is outside the
device specifications



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn