công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-F6674 bảng dữ liệu(PDF) 6 Page - Allegro MicroSystems

tên linh kiện STR-F6674
Giải thích chi tiết về linh kiện  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-F6674 bảng dữ liệu(HTML) 6 Page - Allegro MicroSystems

Back Button STR-F6674 Datasheet HTML 2Page - Allegro MicroSystems STR-F6674 Datasheet HTML 3Page - Allegro MicroSystems STR-F6674 Datasheet HTML 4Page - Allegro MicroSystems STR-F6674 Datasheet HTML 5Page - Allegro MicroSystems STR-F6674 Datasheet HTML 6Page - Allegro MicroSystems STR-F6674 Datasheet HTML 7Page - Allegro MicroSystems STR-F6674 Datasheet HTML 8Page - Allegro MicroSystems STR-F6674 Datasheet HTML 9Page - Allegro MicroSystems STR-F6674 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
TM
Functional Description and Operation (cont’d)
Figure 4 – Output Current I
OUT – Terminal Voltage VIN
Figure 5 – Soft-Start Operation
The drive winding voltage is set such that in normal
operation the C2 voltage is above the specified maximum
shutdown voltage (11 V) and below the specified mini-
mum over-voltage threshold (20.5 V).
In applications where there is a significant variation in
load current, the V
IN terminal voltage may vary, as shown
in figure 4. This is due to peak charging of C2. In this
case, adding a resistor in the range of a few ohms to tens of
ohms in series with the rectifier diode D2 will bring the
voltage variation within limits.
Soft Start, Quasi Resonant and Voltage Regulation
Refer to the Functional Block Diagram and the Typical
Application Diagram (figure 6). The internal oscillator
uses the charge/discharge of an internal 4700 pF capacitor
(c
SS) to generate the MOSFET drive signals.
The regulator has two modes of operation:
1. fixed 50
µs off time (soft start) and
2. demagnetization sensing quasi-resonant mode —
normal operation.
In both cases, voltage regulation is achieved by taking
the composite optocoupled voltage error and superimposed
drain current ramp (current-mode control) and comparing
this to an internal 0.73 V reference. The FBK/OCP
comparator output pre-terminates the oscillator, which
turns off the MOSFET drive signal.
The MOSFET is turned on again when either c
SS
discharges or a quasi-resonance signal is detected on pin 1.
Fixed 50
µs Off-Time: Soft-Start Mode
This is the mode of operation in the absence of a quasi-
resonance signal on pin 1 (see figure 5), and occurs at
startup and in overload. It also can be commanded exter-
nally to provide low-power standby operation.
In the absence of a feedback signal (such as at startup,
or a short circuit) the drain current ramp, sensed across R5
and noise filtered by R4/C5 appears on pin 1. When the
ramp voltage on C5 exceeds the 0.73 V reference signal,
the FBK/OCP comparator changes state, shutting down the
oscillator and turning off the MOSFET. Thus the voltage
on c
SS is held high (6.5 V) by the comparator. When the
comparator changes state, c
SS discharges via rSS; the
voltage on c
SS ramps down until it reaches 3.7 V. The
oscillator turns on the MOSFET. This ramp-down time is
internally trimmed to 50
µs. The comparator changes state
again and the cycle repeats. Thus in the absence of
feedback, the current-sense resistor R5 accurately controls
the MOSFET maximum current.
VIN
IOUT


Số phần tương tự - STR-F6674

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-F6674 SANKEN-STR-F6674 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6674 SANKEN-STR-F6674 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Allegro MicroSystems
STR-F6674 ALLEGRO-STR-F6674 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-F6674 ALLEGRO-STR-F6674 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
More results

Mô tả tương tự - STR-F6674

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com