công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-F6672 bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems

tên linh kiện STR-F6672
Giải thích chi tiết về linh kiện  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-F6672 bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems

  STR-F6672 Datasheet HTML 1Page - Allegro MicroSystems STR-F6672 Datasheet HTML 2Page - Allegro MicroSystems STR-F6672 Datasheet HTML 3Page - Allegro MicroSystems STR-F6672 Datasheet HTML 4Page - Allegro MicroSystems STR-F6672 Datasheet HTML 5Page - Allegro MicroSystems STR-F6672 Datasheet HTML 6Page - Allegro MicroSystems STR-F6672 Datasheet HTML 7Page - Allegro MicroSystems STR-F6672 Datasheet HTML 8Page - Allegro MicroSystems STR-F6672 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The Series STR-F6600 is specifically designed to satisfy the require-
ments for increased integration and reliability in off-line quasi-resonant
flyback converters. The series incorporates a primary control and drive
circuit with discrete avalanche-rated power MOSFETs.
Covering the power range from below 25 watts up to 300 watts for
100/115/230 VAC inputs, and up to 150 watts for 85 to 265 VAC
universal input, these devices can be used in a range of applications,
from battery chargers and set top boxes, to televisions, monitors, and
industrial power supply units.
Cycle-by-cycle current limiting, under-voltage lockout with hyster-
esis, over-voltage protection, and thermal shutdown protects the power
supply during the normal overload and fault conditions. Over-voltage
protection and thermal shutdown are latched after a short delay. The
latch may be reset by cycling the input supply. Low-current startup and
a low-power standby mode selected from the secondary circuit completes
a comprehensive suite of features. The series is provided in a five-pin
overmolded TO-3P style package, affording dielectric isolation without
compromising thermal characteristics.
FEATURES
s Flyback Operation with Quasi-Resonant Soft Switching
for Low Power Dissipation and EMI
s Rugged Avalanche-Rated MOSFET
s Choice of MOSFET Voltage and r
DS(on)
s Full Over-Current Protection (no blanking)
s Under-Voltage Lockout with Hysteresis
s Over-Voltage Protection
s Direct Voltage Feedback
s Low Start-up Current (<400
µA)
s Low-Frequency, Low-Power Standby Operation
s Overmolded 5-Pin Package
OFF-LINE QUASI-RESONANT
FLYBACK SWITCHING REGULATORS
Always order by complete part number, e.g., STR-F6652 .
Series STR-F6600
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Control Supply Voltage, V
IN . . . . . . . .
35 V
Drain-Source Voltage, V
DS
Series STR-F6620 . . . . . . . . . . . . 450 V
Series STR-F6630 . . . . . . . . . . . . 500 V
Series STR-F6650 . . . . . . . . . . . . 650 V
Series STR-F6670 . . . . . . . . . . . . 900 V
Drain Switching Current, I
D . . .
See Table
Peak Drain Current, I
DM . . . . . .
See Table
Avalanche Energy, E
AS . . . . . . .
See Table
OCP/FB Voltage Range,
V
OCP . . . . . . . . . . . . . . .
-0.3 V to +6 V
Package Power Dissipation, P
D
control (V
IN x IIN(ON)) . . . . . . . . .
0.8 W
total . . . . . . . . . . . . . . . . . . . See Graph
FET Channel Temperature, T
J . . .
+150
°C
Internal Frame Temperature, T
F . .
+125
°C
Operating Temperature Range,
T
A . . . . . . . . . . . . . . .
-20
°C to +125°C
Storage Temperature Range,
T
S . . . . . . . . . . . . . . . .
-40
°C to +125°C
LATCH
Dwg. PK-011-1
UVLO
OVP
TSD
OSC.
FDBK
INTERIM DATA SHEET
(Subject to change without notice)
February 22, 2000
TM


Số phần tương tự - STR-F6672

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-F6672 SANKEN-STR-F6672 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6672 SANKEN-STR-F6672 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Allegro MicroSystems
STR-F6672 ALLEGRO-STR-F6672 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-F6672 ALLEGRO-STR-F6672 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
More results

Mô tả tương tự - STR-F6672

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com