công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-G6652 bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems

tên linh kiện STR-G6652
Giải thích chi tiết về linh kiện  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-G6652 bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems

  STR-G6652 Datasheet HTML 1Page - Allegro MicroSystems STR-G6652 Datasheet HTML 2Page - Allegro MicroSystems STR-G6652 Datasheet HTML 3Page - Allegro MicroSystems STR-G6652 Datasheet HTML 4Page - Allegro MicroSystems STR-G6652 Datasheet HTML 5Page - Allegro MicroSystems STR-G6652 Datasheet HTML 6Page - Allegro MicroSystems STR-G6652 Datasheet HTML 7Page - Allegro MicroSystems STR-G6652 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The STR-G6651 is specifically designed to satisfy the requirements
for increased integration and reliability in off-line quasi-resonant flyback
converters. This device incorporates the primary control and drive
circuit with a discrete avalanche-rated power MOSFET.
Cycle-by-cycle current limiting, under-voltage lockout with hyster-
esis, over-voltage protection, and thermal shutdown protects the power
supply during the normal overload and fault conditions. Over-voltage
protection and thermal shutdown are latched after a short delay. The
latch may be reset by cycling the input supply. Low-current startup and
a low-power standby mode selected from the secondary circuit completes
a comprehensive suite of features. The device is provided in a five-pin
over-molded TO-220 style package, affording dielectric isolation without
compromising thermal characteristics. Two lead forms are available
(with and without the suffix ‘-LF’) to accommodate printed wiring board
layout or mechanical constraints.
Proven in substantial volumes, the STR-G6651 is a robust low-risk
solution for off-line power supplies particularly where management of
EMI at the source is a significant element of the system design.
FEATURES
I Quasi-Resonant Operation
I Output Power to 66 W
I Low-Loss, Pulse-Ratio-Control Standby Mode
I Temperature-Compensated Pulse-by-Pulse Over-Current Protection
I Latched Over-Voltage and Thermal Protection
I Under-Voltage Lockout with Hysteresis
I Active Low-Pass Filter for Enhanced Light-Load Stability
I Switched Attenuation of Leading-Edge Current-Sensing Signal
I Regulated Soft Gate Drive
I Adjustable Switching Speed for EMI Control
I Overmolded Five-Pin Package
OFF-LINE QUASI-RESONANT
FLYBACK SWITCHING REGULATOR
Always order by complete part number: STR-G6651 .
STR-G6651
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Control Supply Voltage, V
IN . . . . . . .
35 V
Drain-Source Voltage, V
DS . . . . . . . .
650 V
Drain Current, I
D
continuous . . . . . . . . . . . . . . . . . .
2.7 A
single-pulse, t
w ≤ 1 ms . . . . . . . .
7.2 A
Avalanche Energy, E
AS
single-pulse . . . . . . . . . . . . . . .
158 mJ
Over-Current Protection Voltage Range,
V
OCP . . . . . . . . . . . . . . .
-0.3 V to +6 V
Insulation RMS Voltage,
V
WM(RMS) . . . . . . . . . . . . . . . . . .
2000 V
Package Power Dissipation, P
D
control (V
IN x IIN(ON)) . . . . . . . . .
0.8 W
total . . . . . . . . . . . . . . . . . . . See Graph
FET Channel Temperature, T
J . . .
+150
°C
Internal Frame Temperature, T
F . .
+125
°C
Operating Temperature Range,
T
A . . . . . . . . . . . . . . .
-20
°C to +125°C
Storage Temperature Range,
T
S . . . . . . . . . . . . . . .
-40
°C to +125°C
Dwg. PK-011
UVLO
OVP
TSD
LATCH
OSC.
FDBK


Số phần tương tự - STR-G6652

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STR-G5653 ETC2-STR-G5653 Datasheet
29Kb / 1P
   Power Switching Regulator
More results

Mô tả tương tự - STR-G6652

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Allegro MicroSystems
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
   Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
   Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
   Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
logo
AUK corp
SQ6601PT AUK-SQ6601PT Datasheet
421Kb / 8P
   Off-Line Quasi-Resonance Flyback Switching Regulator
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com