công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-S5703 bảng dữ liệu(PDF) 8 Page - Allegro MicroSystems

tên linh kiện STR-S5703
Giải thích chi tiết về linh kiện  OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S5703 bảng dữ liệu(HTML) 8 Page - Allegro MicroSystems

  STR-S5703 Datasheet HTML 1Page - Allegro MicroSystems STR-S5703 Datasheet HTML 2Page - Allegro MicroSystems STR-S5703 Datasheet HTML 3Page - Allegro MicroSystems STR-S5703 Datasheet HTML 4Page - Allegro MicroSystems STR-S5703 Datasheet HTML 5Page - Allegro MicroSystems STR-S5703 Datasheet HTML 6Page - Allegro MicroSystems STR-S5703 Datasheet HTML 7Page - Allegro MicroSystems STR-S5703 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STR-S5703
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SWITCHING REGULATOR PMCMs
Part
Number*
Application
VI
Max PO
Power Switch
3002M
5 V switching regulator and a
7.0-33 V
500 mA
bipolar
9 V switching regulator†–
400 mA
bipolar
3004M
5 V switching regulator and
7.0-33 V
500 mA
bipolar
Dual 9 V switching regulator
2 x 400 mA
bipolar
S5703
Quasi-resonant flyback converter
110/120 V
140 W
500 V
6 A
bipolar
S5707
Quasi-resonant flyback converter
85-265 V
90 W
850 V
6 A
bipolar
220/240V
140 W
S5708
Quasi-resonant flyback converter
85-265 V
120 W
850 V
7.5 A
bipolar
220/240 V
180 W
S6703
Quasi-resonant flyback converter
110/120V
140 W
500 V
6 A
bipolar
S6704
Quasi-resonant flyback converter
110/120 V
100 W
500 V
5 A
bipolar
S6707
Quasi-resonant flyback converter
85-265 V
90 W
850 V
6 A
bipolar
220/240 V
140 W
S6708
Quasi-resonant flyback converter
85-265 V
120 W
850 V
7.5 A
bipolar
220/240 V
180 W
S6709
Quasi-resonant flyback converter
85-265 V
160 W
850 V
10 A
bipolar
220/240 V
220 W
8033S
3.3 V switching regulator
5.5-28 V
3 A
bipolar
8050S
5.0 V switching regulator
7.0-40 V
3 A
bipolar
8090S
9.0 V switching regulator
12-40V
3 A
bipolar
8120S
12 V switching regulator
15-40 V
3 A
bipolar
8150S
15 V switching regulator
18-40 V
3 A
bipolar
* Complete part number includes additional characters to indicate operating temperature range and/or package style.
† Also includes linear regulator output for 15.7 V at 1.0 A.
‡ Without heat sink.
The products described here are manufactured in Japan by Sanken Electric Co., Ltd.
for sale by Allegro MicroSystems, Inc.
Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. reserve the right to make,
from time to time, such departures from the detail specifications as may be required to
permit improvements in the performance, reliability, or manufacturability of their
products. Therefore, the user is cautioned to verify that the information in this publication
is current before placing any order.
These products are not authorized for use as critical components in life-support
appliances, devices, or systems without express written approval.
The information included herein is believed to be accurate and reliable. However,
Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. assume no responsibility for its
use; nor for any infringements of patents or other rights of third parties which may result
from its use.


Số phần tương tự - STR-S5703

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-S5707 ALLEGRO-STR-S5707 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5708 ALLEGRO-STR-S5708 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5708 ALLEGRO-STR-S5708 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
More results

Mô tả tương tự - STR-S5703

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-S6703 ALLEGRO-STR-S6703 Datasheet
158Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STRS6709 ALLEGRO-STRS6709 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS5707 ALLEGRO-STRS5707 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS6707 ALLEGRO-STRS6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5707 ALLEGRO-STR-S5707 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6707 ALLEGRO-STR-S6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STRS6708 ALLEGRO-STRS6708 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com