công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS52001 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện TS52001
Giải thích chi tiết về linh kiện  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TS52001 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TS52001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
- 6 -
TS52001
Version 1.3
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
CHARGER CHARACTERISTICS
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Charging Regulator: L=4.7uH and C=4.7uF
IBAT-FC
Output Current Limit in Full-Charge
Mode
IBAT = 1.5A
IBAT -
10%
IBAT
IBAT +
10%
A
VBAT-TO
Termination Voltage in Top-Off Mode
IBAT = 0.1C, 0C < Tj < 85C
VBAT -
1%
VBAT
VBAT +
1%
V
tTO
Top-Off Mode Time Out
0
120
min
tFC
Full-Charge Timer
200
1400
min
tacc
Timer Accuracy
-10%
+10%
RDSON
High Side Switch On Resistance
ISW = -1A, TJ=25C
200
mΩ
Low Side Switch On Resistance
ISW = 1A, TJ=25C
250
mΩ
IBAT
Max Output Current
1.5
A
IOCD
Over-Current Detect
HS switch current
2.5
A
VBAT-OV
VBAT Over-Voltage Threshold
101%
VBAT
102%
VBAT
103%
VBAT
DUTYMAX
Max Duty Cycle
98
%
I2C INTERFACE TIMING REQUIREMENTS
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)
Symbol
Parameter
Standard Mode
Fast Mode(1)
Unit
Min
Max
Min
Max
fscl
I2C clock frequency
0
100
0
400
kHz
tsch
I2C clock high time
4
0.6
µs
tscl
I2C clock low time
4.7
1.3
µs
tsp(2)
I2C tolerable spike time
0
50
0
50
ns
tsds
I2C serial data setup time
250
250
ns
tsdh
I2C serial data hold time
0
0
µs
ticr(2)
I2C input rise time
1000
300
ns
ticf(2)
I2C input fall time
300
300
ns
tocf(2)
I2C output fall time; 10 pF to 400 pF bus
300
300
ns
tbuf
I2C bus free time between Stop and Start
4.7
1.3
µs
tsts
I2C Start or repeated Start condition setup time
4.7
0.6
µs
tsth
I2C Start or repeated Start condition hold time
4
0.6
µs
tsps(2)
I2C Stop condition setup time
4
0.6
µs
(1) The I²C interface will operate in either standard or fast mode.
(2) Parameters not tested in production.


Số phần tương tự - TS52001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
   High Efficiency NiMH Battery Charger for Photovoltaic Sources
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
   High Efficiency SuperCap Charger for Photovoltaic Sources
More results

Mô tả tương tự - TS52001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
   High Efficiency NiMH Battery Charger for Photovoltaic Sources
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
   High Efficiency SuperCap Charger for Photovoltaic Sources
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
   High Efficiency 2A Li-Ion Battery Charger
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com