công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS33002 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện TS33002
Giải thích chi tiết về linh kiện  High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TS33002 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  TS33002 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
- 4 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS33001/2
Version 1.3
PRODUCT FAMILY MATRIX
Package Options – QFN16
Input Voltage – 5.5V
Output Voltage –0.8V, 0.9V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, Adjustable (0.6V – 5V)
UV Threshold – 85%
Over Current Limit Minimums –1.6A and 2.6A
Optional Enable ILimit Latch functionality
ABSOLUTE MAXIMUM RATINGS
Over operating free–air temperature range unless otherwise noted(1,2)
UNIT
VCC
-0.3 to 6.0
V
VSW
-1 to 6.0
V
EN, PG,FB, nLP, TEST OUT, VOUT Sense
-0.3 to 6
V
Electrostatic Discharge – Human Body Model
±2k
V
Electrostatic Discharge – Charge Device Model
±500
V
Lead Temperature (soldering, 10 seconds)
260
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
JA
Thermal Resistance Junction to Air (Note 1)
50
°C/W
TSTG
Storage Temperature Range
-65 to 150
°C
TJ MAX
Maximum Junction Temperature
150
°C
TJ
Operating Junction Temperature Range
-40 to 125
°C
Note 1: Assumes QFN16 1 in2 area of 2 oz copper and 25C ambient temperature.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Input Operating Voltage
2.375
5
5.5
V
LOUT
Output Filter Inductor Typical Value (Note 1,3)
376
470
564
nH
COUT
Output Filter Capacitor Typical Value (Note 2,3)
8
10
12
uF
COUT-ESR
Output Filter Capacitor ESR
0
5
20
m
CBYPASS
Input Supply Bypass Capacitor Typical Value (Note 2)
22
uF
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum VOUT load requirement plus the inductor current ripple.
See the inductor current ripple calculations in inductor calculations sections.
Note 2: For best performance, a low ESR ceramic capacitor should be used – X7R or X5R types should be used. Y5V should be avoided.
Note 3: Min and max listed are to account for +/-20% variation of the typical value. Typical values of 10uF and 0.47uH are recommended.


Số phần tương tự - TS33002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS33002 SEMTECH-TS33002 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M000QFNR SEMTECH-TS33002-M000QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M008QFNR SEMTECH-TS33002-M008QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M009QFNR SEMTECH-TS33002-M009QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
More results

Mô tả tương tự - TS33002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33001 SEMTECH-TS33001 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com