công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS33002 bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện TS33002
Giải thích chi tiết về linh kiện  High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TS33002 bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TS33002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
- 11 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS33001/2
Version 1.3
RECOMMEDED PCB LAND PATTERN
DIMENSIONS IN MILLIMETERS
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Contact Pitch
E
0.50 BSC
Optional Center Pad Width
W2
-
-
1.70
Optional Center Pad Length
T2
-
-
1.70
Contact Pad Spacing
C1
-
3.00
-
Contact Pad Spacing
C2
-
3.00
-
Contact Pad Width (X16)
X1
-
-
0.35
Contact Pad Length (X16)
Y1
-
-
0.65
Distance Between Pads
G
0.15
-
-
Notes:
Dimensions and tolerances per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact values shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information only.
RECOMMENDED
LAND PATTERN
Silk Screen


Số phần tương tự - TS33002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS33002 SEMTECH-TS33002 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M000QFNR SEMTECH-TS33002-M000QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M008QFNR SEMTECH-TS33002-M008QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M009QFNR SEMTECH-TS33002-M009QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
More results

Mô tả tương tự - TS33002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33001 SEMTECH-TS33001 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com