công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS30023 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện TS30023
Giải thích chi tiết về linh kiện  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TS30023 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TS30023 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TRIUNE SYSTEMS PROPRIETARY & CONFIDENTIAL INFORMATION
- 6 -
TS30021/22/23
Version 1.5
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
REGULATOR CHARACTERISTICS
Electrical Characteristics, TJ = -40C to 125C, VCC = 12V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Switch Mode Regulator: L=1.5uH and C=22uF
VOUT-PWM
Output Voltage Tolerance in PWM
Mode
ILOAD =1A
VOUT
2%
VOUT
VOUT +
2%
V
VOUT-PFM
Output Voltage Tolerance in PFM
Mode
ILOAD = 0A
VOUT
1%
VOUT +
1%
VOUT +
3.5%
V
RDSON
High Side Switch On Resistance
IVSW = -1A (Note 1)
180
mΩ
Low Side Switch On Resistance
IVSW = 1A (Note 1)
120
mΩ
IOUT,SW
Output Current, Switcher
TS30023 (Note 4)
3
A
TS30012 (Note 4)
2
A
TS30011
1
A
IOCD,SW
Over Current Detect, Switcher
HS switch current
TS30023
3.4
3.8
4.4
A
HS switch current
TS30012
2.4
2.8
3.4
A
HS switch current
TS30011
1.4
1.8
2.4
A
FBTH, SW
Feedback Reference, Switcher
(Adjustable Mode)
(Note 3)
0.8
V
FBTH-TOL
Feedback Reference Tolerance
(Note 3)
-1.5
1.5
%
TSS
Soft start Ramp Time
4
ms
FBTH-PFM
PFM Mode FB Comparator Threshold
VOUT +
1%
V
VOUT-UV
VOUT Under Voltage Threshold
91%
VOUT
93%
VOUT
95%
VOUT
VOUT-UV_HYST
VOUT Under Voltage Hysteresis
1.5%
VOUT
VOUT-OV
VOUT Over Voltage Threshold
103%
VOUT
VOUT-OV_HYST
VOUT Over Voltage Hysteresis
1%
VOUT
DUTYMAX
Max Duty Cycle
(Note 2)
95%
97%
99%
LDO Regulator
VODROPOUT
Dropout Voltage, LDO
VOLDO = 1.2V, IOUT,LDO =
450mA
0.8
V
VOLDO
Output Voltage, LDO
0.8
VLDO -
VODROP
OUT
V
IOUT,LDO
Output Current, LDO
470
mA
IOCD,LDO
Over Current Detect, Switcher
490
mA
FBTHLDO
Feedback Reference, LDO
0.8
V
Note 1: RDSON is characterized at 1A and tested at lower current in production.
Note 2: Regulator VSW pin is forced off for 240ns every 8 cycles to ensure the BST cap is replenished.
Note 3: For the adjustable version, the ratio of VCC/Vout cannot exceed 16.
Note 4: Based on Over Current Detect testing


Số phần tương tự - TS30023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

Mô tả tương tự - TS30023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com