công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ10505 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ10505
Giải thích chi tiết về linh kiện  LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ10505 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMZ10505 Datasheet HTML 1Page - Texas Instruments LMZ10505 Datasheet HTML 2Page - Texas Instruments LMZ10505 Datasheet HTML 3Page - Texas Instruments LMZ10505 Datasheet HTML 4Page - Texas Instruments LMZ10505 Datasheet HTML 5Page - Texas Instruments LMZ10505 Datasheet HTML 6Page - Texas Instruments LMZ10505 Datasheet HTML 7Page - Texas Instruments LMZ10505 Datasheet HTML 8Page - Texas Instruments LMZ10505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LMZ10505
www.ti.com
SNVS633G – JANUARY 2010 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C only; limits in bold face type apply over the operating junction
temperature range TJ of -40°C to 125°C. Minimum and maximum limits are ensured through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only. VIN = VEN = 3.3V, unless otherwise indicated in the conditions column.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
THERMAL CONTROL
TSD
TJ for Thermal Shutdown
145
°C
TSD-HYS
Hysteresis for Thermal Shutdown
10
°C
THERMAL RESISTANCE
θJA
Junction to Ambient
See(3)
20
°C/W
θJC
Junction to Case
No air flow
1.9
°C/W
PERFORMANCE PARAMETERS
ΔVOUT
Output Voltage Ripple
Refer to Table 3
10
mVpk-
VOUT = 2.5V
pk
Bandwidth Limit = 2 MHz
ΔVOUT
Output Voltage Ripple
Refer to Table 5
5
mVpk-
Bandwidth Limit = 20 MHz
pk
ΔVFB / VFB
Feedback Voltage Line Regulation
ΔVIN = 2.95V to 5.5V
0.04
%
IOUT = 0A
ΔVOUT / VOUT
Output Voltage Line Regulation
ΔVIN = 2.95V to 5.5V
0.04
%
IOUT = 0A, VOUT = 2.5V
ΔVFB / VFB
Feedback Voltage Load Regulation
IOUT = 0A to 5A
0.25
%
ΔVOUT / VOUT
Output Voltage Load Regulation
IOUT = 0A to 5A
0.25
%
VOUT = 2.5V
Efficiency
η
Peak Efficiency (1A) VIN = 5V
VOUT = 3.3V
96.1
VOUT = 2.5V
94.8
VOUT = 1.8V
93.1
%
VOUT = 1.5V
92
VOUT = 1.2V
90.4
VOUT = 0.8V
86.8
η
Peak Efficiency (1A) VIN = 3.3V
VOUT = 2.5V
95.7
%
VOUT = 1.8V
94.1
VOUT = 1.5V
93.0
VOUT = 1.2V
91.6
VOUT = 0.8V
88.3
η
Full Load Efficiency (3A) VIN = 5V
VOUT = 3.3V
93.1
%
VOUT = 2.5V
91.2
VOUT = 1.8V
88.5
VOUT = 1.5V
86.7
VOUT = 1.2V
84.1
VOUT = 0.8V
78.2
η
Full Load Efficiency (3A) VIN = 3.3V
VOUT = 2.5V
89.8
%
VOUT = 1.8V
86.9
VOUT = 1.5V
85.1
VOUT = 1.2V
82.5
VOUT = 0.8V
76.2
(3)
θ JA measured on a 2.25” x 2.25” (5.8 cm x 5.8 cm) four layer board, with one ounce copper, thirty six 10mil thermal vias, no air flow,
and 1W power dissipation. Refer to PCB Layout Diagrams or Evaluation Board Application Note: AN-2022 (SNVA421).
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ10505


Số phần tương tự - LMZ10505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10505 TI-LMZ10505 Datasheet
1Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
More results

Mô tả tương tự - LMZ10505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ10505_1006 NSC-LMZ10505_1006 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ10503 TI-LMZ10503 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10503 3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com