công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25085QMYE bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM25085QMYE
Giải thích chi tiết về linh kiện  LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085QMYE bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM25085QMYE Datasheet HTML 5Page - Texas Instruments LM25085QMYE Datasheet HTML 6Page - Texas Instruments LM25085QMYE Datasheet HTML 7Page - Texas Instruments LM25085QMYE Datasheet HTML 8Page - Texas Instruments LM25085QMYE Datasheet HTML 9Page - Texas Instruments LM25085QMYE Datasheet HTML 10Page - Texas Instruments LM25085QMYE Datasheet HTML 11Page - Texas Instruments LM25085QMYE Datasheet HTML 12Page - Texas Instruments LM25085QMYE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Duty Cycle =
tON
tON + tOFF
=
= tON x FS
VOUT
VIN
-
+
Q
R
+
S
Negative Bias
Regulator
Thermal
Shutdown
ON Time
One-Shot
Soft-Start
Gate Driver
Control Logic
VCC
UVLO
Gate
Driver
REGULATION
COMPARATOR
OVER-VOLTAGE
COMPARATOR
CURRENT
LIMIT
COMPARATOR
OFF Time
One-Shot
FB
LM25085
PGATE
ISEN
GND
VCC
ADJ
4.5V to 42V
Input
VIN
GND
SHUTDOWN
RT
CVCC
CADJ
RADJ
Q1
D1
L1
1.25V
RFB1
RFB2
CBYP
RSEN
VCC
VOUT
COUT
R3 C1
C2
1.6V
+
-
+
-
7.7V
40 PA
+
-
0.73V
+
-
RT
CIN
VIN
VIN
VIN
LM25085, LM25085-Q1
www.ti.com
SNVS593H – OCTOBER 2008 – REVISED MARCH 2013
Block Diagram
Sense resistor method shown for current limit detection.
Minimum output ripple configuration shown.
FUNCTIONAL DESCRIPTION
OVERVIEW
The LM25085 is a PFET buck (step-down) DC-DC controller using the constant on-time (COT) control principle.
The input operating voltage range of the LM25085 is 4.5V to 42V. The use of a PFET in a buck regulator greatly
simplifies the gate drive requirements and allows for 100% duty cycle operation to extend the regulation range
when operating at low input voltage. However, PFET transistors typically have higher on-resistance and gate
charge when compared to similarly rated NFET transistors. Consideration of available PFETs, input voltage
range, gate drive capability of the LM25085, and thermal resistances indicate an upper limit of 10A for the load
current for LM25085 applications. Constant on-time control is implemented using an on-time one-shot that is
triggered by the feedback signal. During the off-time, when the PFET (Q1) is off, the load current is supplied by
the inductor and the output capacitor. As the output voltage falls, the voltage at the feedback comparator input
(FB) falls below the regulation threshold. When this occurs Q1 is turned on for the one-shot period which is
determined by the input voltage (VIN) and the RT resistor. During the on-time the increasing inductor current
increases the voltage at FB above the feedback comparator threshold. For a buck regulator the basic relationship
between the on-time, off-time, input voltage and output voltage is:
where
Fs is the switching frequency
(1)
Equation 1 is valid only in continuous conduction mode (inductor current does not reach zero). Since the
LM25085 controls the on-time inversely proportional to VIN, the switching frequency remains relatively constant
as VIN is varied. If the input voltage falls to a level that is equal to or less than the regulated output voltage Q1 is
held on continuously (100% duty cycle) and VOUT is approximately equal to VIN.
The COT control scheme, with the feedback signal applied to a comparator rather than an error amplifier,
requires no loop compensation, resulting in very fast load transient response.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25085 LM25085-Q1


Số phần tương tự - LM25085QMYE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25085QMYE NSC-LM25085QMYE Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085QMYE/NOPB TI-LM25085QMYE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
More results

Mô tả tương tự - LM25085QMYE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com