công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM25085MMX bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
LM25085MMX bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 30 page LM25085, LM25085-Q1 www.ti.com SNVS593H – OCTOBER 2008 – REVISED MARCH 2013 Absolute Maximum Ratings (1) (2) VIN to GND -0.3V to 45V ISEN to GND -0.3V to VIN + 0.3V ADJ to GND -0.3V to VIN + 0.3V RT, FB to GND -0.3V to 7V VIN to VCC, VIN to PGATE -0.3V to 10V ESD Rating (3) Human Body Model 2kV Storage Temperature Range -65°C to +150°C (1) Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) The human body model is a 100pF capacitor discharged through a 1.5k Ω resistor into each pin. Operating Ratings (1) VIN Voltage 4.5V to 42V Junction Temperature −40°C to + 125°C (1) Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. Electrical Characteristics Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply: VIN = 24V, RT = 100kΩ. Symbol Parameter Conditions Min Typ Max Units VIN Pin IIN Operating Current Non-Switching, FB = 1.4V (1) 1.25 1.75 mA IQ Shutdown Current RT = 0V (1) 175 300 µA VCC Regulator(2) VCC(reg) VIN - VCC Vin = 9V, FB = 1.4V, ICC = 0mA 6.9 7.7 8.5 V Vin = 9V, FB = 1.4V, ICC = 20mA 7.7 V Vin = 42V, FB = 1.4V, ICC = 0mA 7.7 V UVLOVcc VCC Under-Voltage Lock-Out VCC Increasing 3.8 V Threshold UVLOVcc Hysteresis VCC Decreasing 260 mV VCC(CL) VCC Current Limit FB = 1.4V 20 40 mA PGATE Pin VPGATE(HI) PGATE High Voltage PGATE Pin = Open VIN -0.1 VIN V VPGATE(LO) PGATE Low Voltage PGATE Pin = Open VCC VCC+0.1 V VPGATE(HI)4.5 PGATE High Voltage at Vin = 4.5V PGATE Pin = Open VIN -0.1 VIN V VPGATE(LO)4.5 PGATE Low Voltage at Vin = 4.5V PGATE Pin = Open VCC VCC+0.1 V IPGATE Driver Output Source Current VIN = 12V, PGATE = VIN - 3.5V 1.75 A Driver Output Sink Current VIN = 12V, PGATE = VIN - 3.5V 1.5 A RPGATE Driver Output Resistance Source current = 500mA 2.3 Ω Sink current = 500mA 2.3 Ω Current Limit Detection IADJ ADJUST Pin Current Source VADJ = 22.5V 32 40 48 µA VCL OFFSET Current Limit Comparator Offset VADJ = 22.5V, VADJ - VISEN -9 0 9 mV (1) Operating current and shutdown current do not include the current in the RT resistor. (2) VCC provides self bias for the internal gate drive. Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM25085 LM25085-Q1 |
Số phần tương tự - LM25085MMX |
|
Mô tả tương tự - LM25085MMX |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |