công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22678TJ-5.0 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM22678TJ-5.0
Giải thích chi tiết về linh kiện  LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM22678TJ-5.0 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM22678TJ-5.0 Datasheet HTML 6Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 7Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 8Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 9Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 10Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 11Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 12Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 13Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
LM22678
SNVS585K – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Figure 13. SOA
Soft-Start
The soft-start feature allows the regulator to gradually reach steady-state operation, thus reducing start-up
stresses. The internal soft-start feature brings the output voltage up in about 500 µs. This time is fixed and can
not be changed. Soft-start is reset any time the part is shut down or a thermal overload event occurs.
Boot-Strap Supply
The LM22678 incorporates a floating high-side gate driver to control the power MOSFET. The supply for this
driver is the external boot-strap capacitor connected between the BOOT pin and SW. A good quality 10 nF
ceramic capacitor must be connected to these pins with short, wide PCB traces. One reason the regulator
imposes a minimum off-time is to ensure that this capacitor recharges every switching cycle. A minimum load of
about 5 mA is required to fully recharge the boot-strap capacitor in the minimum off-time. Some of this load can
be provided by the output voltage divider, if used.
Thermal Protection
Internal thermal shutdown circuitry protects the LM22678 should the maximum junction temperature be
exceeded. This protection is activated at about 150°C, with the result that the regulator will shutdown until the
temperature drops below about 135°C.
Internal Loop Compensation
The LM22678 has internal loop compensation designed to provide a stable regulator over a wide range of
external power stage components.
The internal compensation of the -ADJ option is optimized for output voltages below 5V. If an output voltage of
5V or greater is needed, the -5.0 option with an external resistor divider can be used.
Ensuring stability of a design with a specific power stage (inductor and output capacitor) can be tricky. The
LM22678 stability can be verified using the WEBENCH Designer online circuit simulation tool at www.ti.com. A
quick start spreadsheet can also be downloaded from the online product folder.
The complete transfer function for the regulator loop is found by combining the compensation and power stage
transfer functions. The LM22678 has internal type III loop compensation, as detailed in Figure 14. This is the
approximate "straight line" function from the FB pin to the input of the PWM modulator. The power stage transfer
function consists of a D.C. gain and a second order pole created by the inductor and output capacitor(s). Due to
the input voltage feed forward employed in the LM22678, the power stage D.C. gain is fixed at 20dB. The second
order pole is characterized by its resonant frequency and its quality factor (Q). For a first pass design, the
product of inductance and output capacitance should conform to the following equation:
(8)
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22678


Số phần tương tự - LM22678TJ-5.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM22678TJ-5.0 NSC-LM22678TJ-5.0 Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22678TJ-5.0 TI1-LM22678TJ-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
LM22678TJ-5.0/NOPB TI-LM22678TJ-5.0/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results

Mô tả tương tự - LM22678TJ-5.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22678TJE-ADJ TI1-LM22678TJE-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675QMR-ADJ TI-LM22675QMR-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com