công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FWS-7810 bảng dữ liệu(PDF) 1 Page - AAEON Technology

tên linh kiện FWS-7810
Giải thích chi tiết về linh kiện  1U Rackmount 8 LAN Ports Network Appliance with Intel짰 C226 Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AAEON [AAEON Technology]
Trang chủ  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-7810 bảng dữ liệu(HTML) 1 Page - AAEON Technology

  FWS-7810 Datasheet HTML 1Page - AAEON Technology FWS-7810 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17-11
17
www.aaeon.com
Features
Specifications
Front View
Rear View
FWS-7810
FWS-7810 x1
Gift Box (Including Console Cable, Ear Bracket)
DVD-ROM for Manual (in PDF Format) and Drivers x 1
Packing List
1U Rackmount Network Appliance
Intel® LGA1150 4th Gen Core™/ Xeon Processor
240-pin ECC DDR3 1333/1600MHz DIMM x 4, Up to 32GB
10/100/1000Base-TX Ethernet Port
Internal 3.5” SATA HDD x 1 or 2.5” SATA HDD x 2
LCM with Keypad x 1
RJ-45 for Console x 1, USB3.0 x 2
250W AC Type Power Input Requirement
RAID 0,1 Supported
VGA Header x 1
Support Optional Bypass Function Type II (Up To 2 Pair)
Optional Accessories
D-Sub Cable for VGA
1U Rackmount 8 LAN Ports Network Appliance with Intel® C226 Chipset
System
Form Factor
1U Rackmount 8 Ports Network Appliance
Processor
Intel® 4th Generation Core™ / Xeon Processors
System Memory
240-pin DDR3 1333/1600MHz DIMM x 4, up to 32GB
Chipset
Intel® C226
Ethernet
Intel 82574L controller, Gigabit Ethernet x 8 (Optional up to 2 pairs LAN bypass
function)
BIOS
AMI BIOS ROM
Serial ATA
Onboard SATA 6.0Gb/s x 2 (optional extra 3 SATA ports)
SSD
Expansion Interface
Network Interface Module (NIM) x 1 (Optional)
PCI-E [x8] slot x 1 (Optional)
Watchdog Timer
System reset : 1~255 steps by software programming
RTC
Internal RTC
Storage
3.5" SATA HDD Bay x 1 or 2.5” SATA HDD Bay x 2
System Fan
4cm Ball Bearing Fan x 2
Front I/O Panel
Power LED x 1,■Bypass LED (Optional)
Status LED x 1, HDD Active LED x 1, USB Ports x 2
RJ-45 Ports with LEDs x 8, RJ45 Console x 1
LCM display and 4 keypad x 1, Software Programmable Switch x 1
Rear I/O Panel
AC Power Input x 1, Power Switch x 1
Expansion Slot x 2 (optional PCI-E[x8] Slot x 1)
Color
Black
Power Supply
Flex ATX 250W
Dimension
16.93”(W) x 1.73”(H) x 12.00”(D) (430mm x 44mm x 305mm)
Power Consumption
MTBF (Hours)
Display
VGA Controller
Pin header reserved for Graphic Display
I/O
Serial Port
RJ-45 Console x 1 (on front panel), RS-232 Box Header x 1 (Optional)
K/B and Mouse
Reserved pin header (Optional)
USB
USB2.0 x 2
Environment
Operation Temperature
32 °F ~ 104 °F (0 °C ~ 40 °C)
Storage Temperature
-4 °F ~ 140 °F (-20 °C ~ 60 °C)
Operation Humidity
10% ~80% relative humidity, non-condensing
Storage Humidity
10% ~80% @ 40C, non-condensing
Vibration
0.5 g rms/5~500 Hz / operation ( 2.5” Hard Disk Drive)
1.5 g rms/5~500 Hz / non-operation
Shock
10 G peak acceleration (11 m sec. duration), operation
20 G peak acceleration (11 m sec. duration), non operation
LED
Expansion Slot x 2
AC Power Input
Power Switch
USB 2.0 Port x 2
10/100/1000 Base-TX x 9
LCM Panel


Số phần tương tự - FWS-7810

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AAEON Technology
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
FWS-7810 AAEON-FWS-7810 Datasheet
117Kb / 1P
   supports two pairs bypass function
FWS-7810 AAEON-FWS-7810 Datasheet
118Kb / 1P
   supports 2 pairs bypass function
FWS-7810 AAEON-FWS-7810_15 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
More results

Mô tả tương tự - FWS-7810

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AAEON Technology
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
FWS-7810 AAEON-FWS-7810_15 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
FWS-7150 AAEON-FWS-7150 Datasheet
476Kb / 2P
   1U VIA C7?? Eden??Network Appliance With 5 LAN Ports
logo
Axiomtek Co., Ltd.
NA-550 AXIOMTEK-NA-550_17 Datasheet
936Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1155 Socket Intel짰 Xeon짰 E3
NA720 AXIOMTEK-NA720_17 Datasheet
289Kb / 1P
   1U Rackmount Network Appliance Platform with Intel짰 Xeon짰 Processor D-1527
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel Xeon Quad Core??Network Appliance With 10 LAN Ports
FWS-7600 AAEON-FWS-7600 Datasheet
418Kb / 2P
   1U Intel Xeon Quad Core Network Appliance With 10 LAN Ports
logo
Lanner All Rights Reser...
NCA-2510 LANNER-NCA-2510 Datasheet
939Kb / 2P
   1U 19??Rackmount Network Appliance with Intel짰 Atom??C3000 Processors (Codenamed Denverton)
logo
AAEON Technology
FWS-7160 AAEON-FWS-7160 Datasheet
454Kb / 2P
   1U Intel Core 2 Duo Network Appliance With 6/8 PCI-Express LAN Ports
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com