công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4670ITL bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM4670ITL
Giải thích chi tiết về linh kiện  LM4670 Boomer Audio Power Amplifier Series Filterless High
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4670ITL bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM4670ITL Datasheet HTML 1Page - Texas Instruments LM4670ITL Datasheet HTML 2Page - Texas Instruments LM4670ITL Datasheet HTML 3Page - Texas Instruments LM4670ITL Datasheet HTML 4Page - Texas Instruments LM4670ITL Datasheet HTML 5Page - Texas Instruments LM4670ITL Datasheet HTML 6Page - Texas Instruments LM4670ITL Datasheet HTML 7Page - Texas Instruments LM4670ITL Datasheet HTML 8Page - Texas Instruments LM4670ITL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM4670
SNAS240C – DECEMBER 2004 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
The following specifications apply for AV = 2V/V (RI = 150kΩ), RL = 15µH + 8Ω + 15µH unless otherwise specified. Limits
apply for TA = 25°C.
LM4670
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VI = 0V, AV = 2V/V,
|VOS|
Differential Output Offset Voltage
25
mV (max)
VDD = 2.4V to 5.0V
VDD = 2.4V to 5.0V,
PSRRGSM
GSM Power Supply Rejection Ratio
64
dB
Input Referred
VDD = 2.4V to 5.0V
VIC = VDD/2 to 0.5V,
CMRRGSM GSM Common Mode Rejection Ratio
80
dB
VIC = VDD/2 to VDD – 0.8V,
Input Referred
|IIH|
Logic High Input Current
VDD = 5.0V, VI = 5.8V
20
100
μA (max)
|IIL|
Logic Low Input Current
VDD = 5.0V, VI = –0.3V
1
5
μA (max)
VIN = 0V, No Load, VDD = 5.0V
7.0
10
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, No Load, VDD = 3.6V
4.8
mA
VIN = 0V, No Load, VDD = 2.4V
3.8
5
mA (max)
VSHUTDOWN = 0V
ISD
Shutdown Current(6)
0.01
1
μA (max)
VDD = 2.4V to 5.0V
VSDIH
Shutdown voltage input high
1.0
1.4
V (min)
VSDIL
Shutdown voltage input low
0.8
0.4
V (max)
ROSD
Output Impedance
VSHUTDOWN = 0.4V
>100
k
270k
Ω/RI
V/V (min)
AV
Gain
300k
Ω/RI
330k
Ω/RI
V/V (max)
Resistance from Shutdown Pin to
RSD
300
k
GND
RL = 15μH + 4Ω + 15μH,
THD = 10% (max)
f = 1kHz, 22kHz BW
VDD = 5V
3.0
W
VDD = 3.6V
1.5
W
VDD = 2.5V
675
mW
PO
Output Power(7)(8)
RL = 15μH + 4Ω + 15μH,
THD+N = 1% (max)
f = 1kHz, 22kHz BW
VDD = 5V,
2.3
W
VDD = 3.6V,
1.2
W
VDD = 2.5V,
550
mW
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typical specifications are specified at 25°C and represent the parametric norm.
(4)
Tested limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(6)
Shutdown current is measured in a normal room environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA. The
Shutdown pin should be driven as close as possible to GND for minimal shutdown current. See Application Information under
SHUTDOWN FUNCTION for more information.
(7)
Typical output power numbers are for the LM4670 in the ITL (DSBGA) package. In the WSON (SDA) package, the output power will be
lower due to higher resistance seen from the IC output pad to PCB trace. The difference increases with lower impedance loads.
(8)
The maximum operating voltage for the LM4670 in the SDA (WSON) package when driving 4
Ω loads to greater than 10% THD+N is
5.0V.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4670


Số phần tương tự - LM4670ITL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4670ITL NSC-LM4670ITL Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
Texas Instruments
LM4670ITL/NOPB TI1-LM4670ITL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
National Semiconductor ...
LM4670ITLX NSC-LM4670ITLX Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
Texas Instruments
LM4670ITLX/NOPB TI1-LM4670ITLX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
More results

Mô tả tương tự - LM4670ITL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
logo
Texas Instruments
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
[Old version datasheet]   LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820_13 Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4902 TI-LM4902_15 Datasheet
1Mb / 24P
[Old version datasheet]   Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com