công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4670SD bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM4670SD
Giải thích chi tiết về linh kiện  LM4670 Boomer Audio Power Amplifier Series Filterless High
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4670SD bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM4670SD Datasheet HTML 3Page - Texas Instruments LM4670SD Datasheet HTML 4Page - Texas Instruments LM4670SD Datasheet HTML 5Page - Texas Instruments LM4670SD Datasheet HTML 6Page - Texas Instruments LM4670SD Datasheet HTML 7Page - Texas Instruments LM4670SD Datasheet HTML 8Page - Texas Instruments LM4670SD Datasheet HTML 9Page - Texas Instruments LM4670SD Datasheet HTML 10Page - Texas Instruments LM4670SD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM4670
www.ti.com
SNAS240C – DECEMBER 2004 – REVISED MAY 2013
Typical Performance Characteristics
(1) (continued)
THD+N vs Output Power
THD+N vs Output Power
RL = 15µH + 4Ω + 15µH
RL = 15µH + 8Ω + 15µH
f = 1kHz, 22kHz BW
f = 1kHz, 22kHz BW
Figure 10.
Figure 11.
CMRR vs Frequency
PSRR vs Frequency
VDD = 3.6V, RL = 15µH + 8Ω + 15µH
VDD = 3.6V, RL = 15µH + 8Ω + 15µH
VCM = 1VP-P Sine Wave, 22kHz BW
VCM = 200mVP-P Sine Wave, 22kHz BW
Figure 12.
Figure 13.
Efficiency and Power Dissipation
Efficiency and Power Dissipation
vs Output Power
vs Output Power
RL = 15µH + 4Ω + 15µH, f = 1kHz, THD < 2%
RL = 15µH + 8Ω + 15µH, f = 1kHz, THD < 1%
Figure 14.
Figure 15.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4670


Số phần tương tự - LM4670SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4670SD NSC-LM4670SD Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
Texas Instruments
LM4670SD/NOPB TI1-LM4670SD/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
More results

Mô tả tương tự - LM4670SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
logo
Texas Instruments
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
[Old version datasheet]   LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820_13 Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4902 TI-LM4902_15 Datasheet
1Mb / 24P
[Old version datasheet]   Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com